Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4000 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC4000
Description  Universal Timeslot Interchange
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC4000 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC4000 Datasheet HTML 17Page - NXP Semiconductors SC4000 Datasheet HTML 18Page - NXP Semiconductors SC4000 Datasheet HTML 19Page - NXP Semiconductors SC4000 Datasheet HTML 20Page - NXP Semiconductors SC4000 Datasheet HTML 21Page - NXP Semiconductors SC4000 Datasheet HTML 22Page - NXP Semiconductors SC4000 Datasheet HTML 23Page - NXP Semiconductors SC4000 Datasheet HTML 24Page - NXP Semiconductors SC4000 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
2000 Sep 07
21
Philips Semiconductors
Preliminary specification
Universal Timeslot Interchange
SC4000
Table 6. SCbus/MVIP Signals Cross Reference
SCbus 26-Pin Connector
SCbus Signal
MVIP Signal
MVIP 40-Pin Connector
1
SCLKX2N
C4/
31
2
GND
GND
30, 32
3
SCLK
C2
35
4
SREF_8K
SEC_8K
37
5
FSYNCN
F0/
33
6
CLKFAIL
N/A
N/A
7
SD_0
DSi0
8
8
GND
GND
34
9
SD_1
DSo0
7
10
SD_2
DSi1
10
11
SD_3
DSo1
9
12
SD_4
DSi2
12
13
SD_5
DSo2
11
14
SD_6
DSi3
14
15
GND
GND
36
16
SD_7
DSo3
13
17
SD_8
DSi4
16
18
SD_9
DSo4
15
19
SD_10
DSi5
18
20
SD_11
DSo5
17
21
GND
GND
38
22
SD_12
DSi6
20
23
SD_13
DSo6
19
24
SD_14
DSi7
22
25
SD_15
DSo7
21
26
MC
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com