Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C94 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC68C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C94 Datasheet(HTML) 2 Page - NXP Semiconductors

  SC68C94 Datasheet HTML 1Page - NXP Semiconductors SC68C94 Datasheet HTML 2Page - NXP Semiconductors SC68C94 Datasheet HTML 3Page - NXP Semiconductors SC68C94 Datasheet HTML 4Page - NXP Semiconductors SC68C94 Datasheet HTML 5Page - NXP Semiconductors SC68C94 Datasheet HTML 6Page - NXP Semiconductors SC68C94 Datasheet HTML 7Page - NXP Semiconductors SC68C94 Datasheet HTML 8Page - NXP Semiconductors SC68C94 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Philips Semiconductors
Product specification
SC68C94
Quad universal asynchronous receiver/transmitter (QUART)
1995 May 1
2
PIN CONFIGURATIONS
46
45
44
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
28
27
26
25
21
22
23
24
X1/CLK
TXDD
RXDD
IRQN
A5
A4
A3
A2
A1
A0
WRN
CEN
RDN
DACKN
IACKN
TXDB
RXDB
D7
D6
D5
D4
D3
D1
D0
RXDA
TXDA
I/O2B
I/O1B
I/O0B
I/O2A
I/O1A
I/O0A
I/O0C
I/O1C
I/O2C
I/O0D
I/O1D
I/O2D
RXDC
TXDC
RESET
X2
VSS
VCC
D2
VSS
VSS
RXDB
D7
D6
D5
D4
I/O3B
D1
D0
RXDA
TXDA
D2
VSS
D3
A5
IRQN
RXDD
TXDD
X1/CLK
X2
TXDC
RXDC
I/O2D
I/O1D
RESET
I/O3D
VSS
48-Pin Dual-In-Line Package
52-Pin PLCC Package
1
2
3
4
5
6
7
8
9
10
11
18
19
20
21
22
23
24
31 32
33
34
35
36
37
50
51
52
38
39
40
41
42
43
25
26
27
28
29
30
12
13
14
15
16
17
47
48
49
VSS
SD00179
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
RATING
UNIT
TA
Operating ambient temperature range3
Note 4
oC
TSTG
Storage temperature range
–65 to +150
oC
VCC
Voltage from VDD to GND4
–0.5 to +7.0
V
VS
Voltage from any pin to ground4
–0.5 to VCC +0.5
V
PD
Power dissipation
1
W
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other condition above those indicated in the operation section of this specification is not
implied.
2. For operating at elevated temperatures, the device must be derated based on +150
°C maximum junction temperature.
3. This product includes circuitry specifically designed for the protection of its internal devices from damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying any voltages larger than the rated maxima.
4. Parameters are valid over specified temperature range. See ordering information table for applicable temperature range and operating
supply range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com