Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C94 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC68C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C94 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC68C94 Datasheet HTML 17Page - NXP Semiconductors SC68C94 Datasheet HTML 18Page - NXP Semiconductors SC68C94 Datasheet HTML 19Page - NXP Semiconductors SC68C94 Datasheet HTML 20Page - NXP Semiconductors SC68C94 Datasheet HTML 21Page - NXP Semiconductors SC68C94 Datasheet HTML 22Page - NXP Semiconductors SC68C94 Datasheet HTML 23Page - NXP Semiconductors SC68C94 Datasheet HTML 24Page - NXP Semiconductors SC68C94 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Philips Semiconductors
Product specification
SC68C94
Quad universal asynchronous receiver/transmitter (QUART)
1995 May 1
21
The Channel # field indicates which of the four UARTs has the
highest priority interrupt currently outstanding, while the Type field
indicates its source within the UART. The Type field is encoded as
follows:
000
No Interrupt
001
Change of State
x10
Transmit available
011
Receive available, no error
100
Receiver break change
101
Counter/Timer
111
Receive available, w/errors
With Type = x11, the # Bytes field indicates the count of received
bytes available for reading, while with Type = x10 it indicates the
number of bytes that can be written to the transmit FIFO.
The CIR is Read only at address 28H.
Global Interrupt Byte Count (GIBC)
00000
# Bytes
5
3
The GIBC is not an actual register but simply outputs the interrupting
UART’s transmit or receive byte counter value. The count, accurate
at the time IACKN asserts, is captured in the CIR. The high order 5
bits are read as ‘0’. The GIBC is read only at address 2AH.
Global RxFIFO (GRxFIFO)
Received Data
8
Like the GIBC, no physical register implementation exists. The
correct receiver’s FIFO is popped based on the value of the
interrupting channel field of the Current Interrupt Register.
If a receiver is not the cause of the current interrupt, a read of the
Global RxFIFO will yield a byte containing all ones and NONE of the
UART channels’ receive FIFOs will be popped. (IMPORTANT)
The GRxFIFO is Read only at address 2BH.
Global TxFIFO (GTxFIFO)
Data to be Sent
8
Similar to the GRxFIFO, no physical register implementation exists.
The byte is pushed into the correct transmitter’s FIFO based on the
interrupting channel field of the Current Interrupt Register.
If a transmitter is not the cause of the current interrupt, a write to the
Global TxFIFO has no effect.
The GTxFIFO is Write only at address 2BH.
Global Interrupting Channel (GICR)
000000
Chan #
6
2
Like the other Global pseudo-registers no hardware register exists.
The Channel number field of the Current Interrupt Register padded
with leading zeros is output as the GICR. The GICR is Read only at
address 29H.
C/Tab indicated by Channel code B 01
C/Tcd indicated by Channel code D 11
Interrupt Control (ICR)
Threshold
IVC
6
2
The Threshold Field is used by the interrupt comparator to
determine if a winning interrupt “bid” should result in interrupting the
host MPU. The threshold field resets to 00.
The IVC field controls what kind of vector the QUART returns to the
host MPU during an Interrupt Acknowledge cycle:
00
Output contents of Interrupt Vector Register
01
Output 6 MSBs of IVR and Channel number as 2 LSBs
10
Output 3 MSBs of IVR, Interrupt Type and Channel number
11
Disable generation of vector during IACK cycle.
Returns hex’FF during an IACKN cycle.
The IVC field reset to 00. The ICR is read/write at address 2CH.
Bidding Control Registers (BCRs)
Received Break
State Change
C/T
3
3
2
This register is a transparent latch. It must be set to ensure the
expected operation of the arbitration system. The 3 MSBs
determine the priority of Received Break Interrupts; they are reset to
000.
Bits 4:2 determine the priority of Change of Input State interrupts,
and are reset to 00.
There is one BCR per UART channel; they can be read or written at
addresses 20-23H.
BCR Counter/Timer bits reset to 00.
Interrupt Vector (IVR)
The 8 bits of the interrupt vector
Interrupt Vector (IVR-Modified)
Always Used
with IVC = 0x
w/IVC = 01 or 10
3
3
2
Holds the constant bits of the interrupt acknowledge vector. As
shown, the three MSBs are always used, while the less significant
bits can be replaced by the interrupt type code and/or Channel code
bits contained in the CIR. The IVR is write only at address 29H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com