Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3JB-T3 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # S3JB-T3
Description  3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

S3JB-T3 Datasheet(HTML) 3 Page - Won-Top Electronics

  S3JB-T3 Datasheet HTML 1Page - Won-Top Electronics S3JB-T3 Datasheet HTML 2Page - Won-Top Electronics S3JB-T3 Datasheet HTML 3Page - Won-Top Electronics S3JB-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S3AB – S3MB
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
PACKAGING INFORMATION
Reel Diameter
(mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
330
3,000
340 x 337 x 45
6,000
370 x 370 x 420
48,000
14.0
inches(mm)
Product ID Label
Direction of Unreeling
12mm
4mm
1.6mm
Note: 1. Paper reel, white or gray color.
2. Components are packed in accordance with EIA standard 481-1 and 481-2.
TAPE & REEL
Cathode
= Polarity Band
WTE
= Manufacturer’s Logo
S3xB
= Device Number
x
= A, B, D, G, J, K or M
WT E
S3xB
0.050 MIN
(1.27 MIN)
0.082 MIN
(2.10 MIN)
0.106 MAX
(2.65 MAX)
330mm
12mm
8mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com