Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3JB-T3 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # S3JB-T3
Description  3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

S3JB-T3 Datasheet(HTML) 1 Page - Won-Top Electronics

  S3JB-T3 Datasheet HTML 1Page - Won-Top Electronics S3JB-T3 Datasheet HTML 2Page - Won-Top Electronics S3JB-T3 Datasheet HTML 3Page - Won-Top Electronics S3JB-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S3AB – S3MB
1 of 4
© 2006 Won-Top Electronics
Pb
S3AB – S3MB
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
Features
!
Glass Passivated Die Construction
!
Ideally Suited for Automatic Assembly
B
!
Low Forward Voltage Drop
!
Surge Overload Rating to 100A Peak
D
!
Low Power Loss
A
!
Built-in Strain Relief
F
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
H
G
                             E
Mechanical Data
!
Case: SMB/DO-214AA, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.093 grams (approx.)
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
S3AB
S3BB
S3DB
S3GB
S3JB
S3KB
S3MB
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TL = 75°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100
A
Forward Voltage
@IF = 3.0A
VFM
1.20
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
250
µA
Reverse Recovery Time (Note 1)
trr
2.5
µS
Typical Junction Capacitance (Note 2)
Cj
60
pF
Typical Thermal Resistance (Note 3)
RJL
13
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A,
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
WTE
POWER SEMICONDUCTORS
SMB/DO-214AA
Dim
Min
Max
A
3.30
3.94
B
4.06
4.70
C
1.91
2.11
D
0.152
0.305
E
5.08
5.59
F
2.13
2.44
G
0.051
0.203
H
0.76
1.27
All Dimensions in mm


Similar Part No. - S3JB-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
S3JB-T3 WTE-S3JB-T3 Datasheet
52Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
September, 2012
More results

Similar Description - S3JB-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER3A WTE-ER3A_06 Datasheet
48Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
FR3A WTE-FR3A_06 Datasheet
52Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
S3A WTE-S3A_06 Datasheet
44Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
UF3A WTE-UF3A_06 Datasheet
56Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
RS3ABF ZSELEC-RS3ABF Datasheet
109Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS3AF ZSELEC-RS3AF Datasheet
108Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
ER3A ZSELEC-ER3A Datasheet
114Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES3A ZSELEC-ES3A Datasheet
126Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES3ABF ZSELEC-ES3ABF Datasheet
109Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES3AF ZSELEC-ES3AF Datasheet
109Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com