Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0 Datasheet(PDF) 82 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 82 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 78Page - SPANSION S71PL129JC0 Datasheet HTML 79Page - SPANSION S71PL129JC0 Datasheet HTML 80Page - SPANSION S71PL129JC0 Datasheet HTML 81Page - SPANSION S71PL129JC0 Datasheet HTML 82Page - SPANSION S71PL129JC0 Datasheet HTML 83Page - SPANSION S71PL129JC0 Datasheet HTML 84Page - SPANSION S71PL129JC0 Datasheet HTML 85Page - SPANSION S71PL129JC0 Datasheet HTML 86Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 153 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not
design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S71PL129Jxx_00
Revision A Amendment 8 Issue Date October 28, 2005
Features
Single power supply voltage of 2.6 to 3.3 V
Direct TTL compatibility for all inputs and
outputs
Deep power-down mode: Memory cell data
invalid
Page operation mode:
— Page read operation by 8 words
Logic compatible with SRAM R/W pin
Standby current
— Standby = 70 µA (32M)
— Standby = 100 µA (64M)
— Deep power-down Standby = 5 µA
Access Times
Pin Description
pSRAM Type 6
2M Word by 16-bit CMOS Pseudo Static RAM (32M)
4M Word by 16-bit CMOS Pseudo Static RAM (64M )
ADVANCE
INFORMATION
32M
64M
Access Time
70 ns
CE1# Access Time
70 ns
OE# Access Time
25 ns
Page Access Time
30 ns
Pin Name
Description
A0 to A21
Address Inputs
A0 to A2
Page Address Inputs
I/O1 to I/O16
Data Inputs/Outputs
CE1#
Chip Enable Input
CE2
Chip select Input
WE#
Write Enable Input
OE#
Output Enable Input
LB#,UB#
Data Byte Control Inputs
VDD
Power Supply
GND
Ground
NC
Not Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com