Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0 Datasheet(PDF) 91 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 91 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 87Page - SPANSION S71PL129JC0 Datasheet HTML 88Page - SPANSION S71PL129JC0 Datasheet HTML 89Page - SPANSION S71PL129JC0 Datasheet HTML 90Page - SPANSION S71PL129JC0 Datasheet HTML 91Page - SPANSION S71PL129JC0 Datasheet HTML 92Page - SPANSION S71PL129JC0 Datasheet HTML 93Page - SPANSION S71PL129JC0 Datasheet HTML 94Page - SPANSION S71PL129JC0 Datasheet HTML 95Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 153 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not
design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S71PL129Jxx_00
Revision A Amendment 8 Issue Date October 28, 2005
Functional Description
Absolute Maximum Ratings
pSRAM Type 1
4Mbit (256K Word x 16-bit)
8Mbit (512K Word x 16-bit)
16Mbit (1M Word x 16-bit)
32Mbit (2M Word x 16-bit)
64Mbit (4M Word x 16-bit)
ADVANCE
INFORMATION
Mode
CE#
CE2/ZZ#
OE#
WE#
UB#
LB#
Addresses
I/O 1-8
I/O 9-16
Power
Read (word)
L
H
L
H
L
L
X
Dout
Dout
IACTIVE
Read (lower byte)
L
H
L
H
H
L
X
Dout
High-Z
IACTIVE
Read (upper byte)
L
H
L
H
L
H
X
High-Z
Dout
IACTIVE
Write (word)
L
H
X
L
L
L
X
Din
Din
IACTIVE
Write (lower byte)
L
H
X
L
H
L
X
Din
Invalid
IACTIVE
Write (upper byte)
L
H
X
L
L
H
X
Invalid
Din
IACTIVE
Outputs disabled
L
H
H
H
X
X
X
High-Z
High-Z
IACTIVE
Standby
H
H
X
X
X
X
X
High-Z
High-Z
ISTANDBY
Deep power down
H
L
X
X
X
X
X
High-Z
High-Z
IDEEP SLEEP
Item
Symbol
Ratings
Units
Voltage on any pin relative to VSS
Vin, Vout
-0.2 to VCC +0.3
V
Voltage on VCC relative to VSS
VCC
-0.2 to 3.6
V
Power dissipation
PD
1
W
Storage temperature
TSTG
-55 to 150
°C
Operating temperature
TA
-25 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com