Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71PL129JC0 Datasheet(PDF) 150 Page - SPANSION

Part # S71PL129JC0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0 Datasheet(HTML) 150 Page - SPANSION

Back Button S71PL129JC0 Datasheet HTML 145Page - SPANSION S71PL129JC0 Datasheet HTML 146Page - SPANSION S71PL129JC0 Datasheet HTML 147Page - SPANSION S71PL129JC0 Datasheet HTML 148Page - SPANSION S71PL129JC0 Datasheet HTML 149Page - SPANSION S71PL129JC0 Datasheet HTML 150Page - SPANSION S71PL129JC0 Datasheet HTML 151Page - SPANSION S71PL129JC0 Datasheet HTML 152Page - SPANSION S71PL129JC0 Datasheet HTML 153Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 150 / 153 page
background image
148
S71PL129JC0/S71PL129JB0/S71PL129JA0
S71PL129Jxx_00_A8 October 28, 2005
Advance
Info rmation
Read/Write Timings
Notes:
1. The tC2LH specifies after VDD reaches specified minimum level.
2. For 32M only: The minimum and maximum VDD transition time from 0 V to specified VDD minimum are 30 µs and 50 ms respectively.
Figure 69. Power-up Timing #1
Notes:
1. The tCHH specifies after VDD reaches specified minimum level and applicable to both CE1# and CE2.
2. For 32M only: The minimum and maximum VDD transition time from 0 V to specified VDD minimum are 30 µs and 50 ms respectively. If
transition time of VDD (from 0 V to VDD min.) is longer than 50 ms, POWER-UP Timing #1 must be applied.
Figure 70. Power-up Timing #2
Note: This Power Down mode can be also used as a reset timing if POWER-UP timing above could not be satisfied and
Power-Down program was not performed prior to this reset.
Figure 71. Power Down Entry and Exit Timing
tC2LH
CE1#
VDD
VDD min
0V
CE2
tCHH
tCHS
CE1#
VDD
VDD min
0V
CE2
tCHH
tCSP
CE1#
Power Down Entry
CE2
tC2LP
tCHH (tCHHP)
Power Down Mode
Power Down Exit
tCHS
DQ
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com