Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN2661 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SCN2661
Description  Enhanced programmable communications interface EPCI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN2661 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SCN2661 Datasheet HTML 9Page - NXP Semiconductors SCN2661 Datasheet HTML 10Page - NXP Semiconductors SCN2661 Datasheet HTML 11Page - NXP Semiconductors SCN2661 Datasheet HTML 12Page - NXP Semiconductors SCN2661 Datasheet HTML 13Page - NXP Semiconductors SCN2661 Datasheet HTML 14Page - NXP Semiconductors SCN2661 Datasheet HTML 15Page - NXP Semiconductors SCN2661 Datasheet HTML 16Page - NXP Semiconductors SCN2661 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Philips Semiconductors
Product specification
SCN2661/SCN68661
Enhanced programmable communications
interface (EPCI)
1994 Apr 27
13
Table 9.
68661 EPCI vs 2651 PCI
FEATURE
EPCI
PCI
1. MR2 BIT 6, 7
Control pins 9, 25
Not used
2. DLE detect – SR3
SR3 = 0 for DLE–DLE, DLE – SYN1
SR3 = 1 for DLE–DLE, DLE – SYN1
3. Reset of SR3, DLE detect
Second character after DLE, or receiver
disable, or CR4 = 1
Receiver disable, or CR4 = 1
4. Send DLE – CR3
One time command
Reset via CR3 on next TxRDY
5. DLE stuffing in transparent mode
Automatic DLE stuffing when DLE is loaded
except if CR3 = 1
None
6. SYN1
stripping
in
double
sync
non-transparent mode
All SYN1
First SYN1 of pair
7. Baud rate versions
Three
One
8. Terminate ASYNC transmission (drop
RTS)
Reset CR5 in response to TxEMT changing
from 1 to 0
Reset CR0 when TxEMT goes from 1 to 0.
Then reset CR5 when TxEMT goes from
1 to 0
9. Break detect
Pin 25*
FE and null character
10. Stop bit searched
One
Two
11. External jam sync
Pin 9**
No
12. Data bus timing
Improved over 2651
—
13. Data bus drivers
Sink 2.2mA
Source 400
µA
Sink 1.6mA
Source 100
µA
NOTES:
*
Internal BRG used for RxC.
** Internal BRG used for TxC.
AC LOAD CONDITIONS
CL = 150pF
NOTES:
Open-drain outputs.
CL = Load capacitance includes JIG and probe capacitance.
2.2V
OUTPUT
750
Ω
CL = 50pF
+5V
OUTPUT
2k
Ω
SD00080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com