Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM1B-RKW-AKW Datasheet(PDF) 3 Page - Cree LED

Part # CLM1B-RKW-AKW
Description  CLM1B-RKW/AKW: PLCC2 1 IN 1 SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLM1B-RKW-AKW Datasheet(HTML) 3 Page - Cree LED

  CLM1B-RKW-AKW Datasheet HTML 1Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 2Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 3Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 4Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 5Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 6Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 7Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 8Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CLM1B-RKW/AKW: PLCC2 1 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1084
REV 7
3
INTENSITY BIN LIMIT
Red(20 mA) - CLM1B-RKW
Amber (20 mA) - CLM1B-AKW
Bin Code
Min.(mcd)
Max.(mcd)
Bin Code
Min.(mcd)
Max.(mcd)
Ua
450
560
Ua
450
560
Ub
560
710
Ub
560
710
Va
710
900
Va
710
900
Vb
900
1120
Vb
900
1120
*
Tolerance of measurement of luminous intensity is ±10%
COLOR BIN LIMIT
Red (20 mA) - CLM1B-RKW
Amber (20 mA) - CLM1B-AKW
Bin Code
Min.(nm)
Max.(nm)
Bin Code
Min.(nm)
Max.(nm)
RA
618
630
A2
584
587
A3
587
590
A4
590
593
A5
593
596
*
Tolerance of measurement of dominant wavelength is ±1 nm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com