Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM1B-RKW-AKW Datasheet(PDF) 5 Page - Cree LED

Part # CLM1B-RKW-AKW
Description  CLM1B-RKW/AKW: PLCC2 1 IN 1 SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLM1B-RKW-AKW Datasheet(HTML) 5 Page - Cree LED

  CLM1B-RKW-AKW Datasheet HTML 1Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 2Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 3Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 4Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 5Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 6Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 7Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 8Page - Cree LED CLM1B-RKW-AKW Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CLM1B-RKW/AKW: PLCC2 1 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1084
REV 7
5
GRAPHS
The data below are collected from statistical figures that do not necessarily correspond to the actual parameters of each single LED.
Hence, these data will be changed without further notice.
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
FORWARD CURRENT
IF(mA)
0.0
1.0
4.0
2.0
3.0
5.0
40
0.0
20
80
60
100
FIG.5 RED&AMBER MAXIMUM FORWARD DC CURRENT VS AMBIENT
TEMPERATURE (Tjmax=110 C)
VS. REVERSE VOLTAGE.
FIG.3 RED&AMBER REVERSE CURRENT
FIG.6 FAR FIELD PATTERN
-90
-60
-30
0
0
0.5
1.0
30
60
90
Angle
VF(V)
2.4
FIG.1 FORWARD CURRENT VS.
20.0
2.0
0.0
2.2
2.6
2.8
60.0
40.0
80.0
100.0
IF (mA)
1.8
Red
Amber
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
(RELATIVE LUMINOUS INTENSITY)
WAVELENGTH.
WL(nm)
80%
20%
40%
60%
0%
100%
700
300
500
400
600
800
Red
Amber
Amber
Red
-10
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
-60
IF(mA)
0
60
20
40
100
80
40
20
80
60
100
0
Ta( C)
Rth j-a=450 C/W
Rth j-s=300 C/W
(RELATIVE LUMINOUS INTENSITY)
(RELATIVE LUMINOUS INTENSITY)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com