Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM2D-RCC-ACC Datasheet(PDF) 3 Page - Cree LED

Part # CLM2D-RCC-ACC
Description  CLM2D-RCC/ACC: PLCC4 Red & Amber SMD LEDs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLM2D-RCC-ACC Datasheet(HTML) 3 Page - Cree LED

  CLM2D-RCC-ACC Datasheet HTML 1Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 2Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 3Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 4Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 5Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 6Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 7Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 8Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CLM2D-RCC/ACC: PLCC4 RED & AMBER SMD LEDs
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1374
REV 8
3
INTENSITY BIN LIMIT
Red (20 mA)
Amber (20 mA)
Bin Code
Min.(mcd)
Max.(mcd)
Bin Code
Min.(mcd)
Max.(mcd)
Z0
4500
5600
Z0
4500
5600
A0
5600
7100
A0
5600
7100
B0
7100
9000
B0
7100
9000
C0
9000
11200
C0
9000
11200
*
Tolerance of measurement of luminous intensity is ±10%
COLOR BIN LIMIT
Red (20 mA)
Amber (20 mA)
Bin Code
Min.(nm)
Max.(nm)
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
A2
584
587
A3
587
590
A4
590
593
A5
593
596
*
Tolerance of measurement of dominant wavelength is ±1 nm.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com