Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM2D-RCC-ACC Datasheet(PDF) 1 Page - Cree LED

Part # CLM2D-RCC-ACC
Description  CLM2D-RCC/ACC: PLCC4 Red & Amber SMD LEDs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLM2D-RCC-ACC Datasheet(HTML) 1 Page - Cree LED

  CLM2D-RCC-ACC Datasheet HTML 1Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 2Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 3Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 4Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 5Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 6Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 7Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 8Page - Cree LED CLM2D-RCC-ACC Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1374
REV 8
1
CLM2D-RCC/ACC: PLCC4 Red & Amber SMD LEDs
PRODUCT DESCRIPTION
SMD LEDs is packaged in the industry
standard package. These LEDs have high
reliability performance and are designed to
work under a wide range of environmental
conditions. This high reliability feature
makes them ideally suited to be used in
architectural lighting application conditions
Cree LED has been certified in accordance
with ISO/IATF16949.
FEATURES
• Size (mm): 3.2 x 2.8
• Color and Typical Dominant
Wavelength:
Red (619-624nm)
Amber (584-596nm)
• Moisture Sensitivity Level: 5a
• Lead - Free
• RoHS Compliant
• Untinted Diffused Lens
APPLICATIONS
• Channel Letter
• Architectural Lighting


Similar Part No. - CLM2D-RCC-ACC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM2D-RCC-CYaB0BB3 CREE-CLM2D-RCC-CYaB0BB3 Datasheet
800Kb / 8P
PLCC4 1 in 1 SMD LED
CLM2D-RCC-CYbB0BB3 CREE-CLM2D-RCC-CYbB0BB3 Datasheet
800Kb / 8P
PLCC4 1 in 1 SMD LED
CLM2D-RCC-CZ0B0BB3 CREE-CLM2D-RCC-CZ0B0BB3 Datasheet
800Kb / 8P
PLCC4 1 in 1 SMD LED
More results

Similar Description - CLM2D-RCC-ACC

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSAABC2R8 OPTEK-OVSAABC2R8 Datasheet
524Kb / 5P
Amber PLCC4 Surface Mount LED
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
Cree짰 5-mm Red and Amber Round LEDs
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
5-mm Red and Amber Round LEDs
logo
OptoSupply Internationa...
OSW54LS3C1A OPTOSUPPLY-OSW54LS3C1A Datasheet
110Kb / 1P
High Luminous PLCC4 Power Top SMD LEDs
OSW543S3C1A OPTOSUPPLY-OSW543S3C1A Datasheet
115Kb / 2P
High Luminous PLCC4 Power Top SMD LEDs
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
5-mm Red and Amber Round LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
5 mm Mini Oval Red and Amber LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
5mm Standard Oval Red and Amber LEDs
logo
TT Electronics.
OVSAABC2R8 TTELEC-OVSAABC2R8 Datasheet
354Kb / 4P
Amber PLCC4 Surface Mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com