Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6020 Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB6020
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB6020 Datasheet HTML 1Page - Texas Instruments TUSB6020 Datasheet HTML 2Page - Texas Instruments TUSB6020 Datasheet HTML 3Page - Texas Instruments TUSB6020 Datasheet HTML 4Page - Texas Instruments TUSB6020 Datasheet HTML 5Page - Texas Instruments TUSB6020 Datasheet HTML 6Page - Texas Instruments TUSB6020 Datasheet HTML 7Page - Texas Instruments TUSB6020 Datasheet HTML 8Page - Texas Instruments TUSB6020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION
VBUSP Slave
32 bit @ sys_clk
VBUSF
Master and Slave
32/16 bit @ sys_clk
8 bit
@ 60 MHz
Central
Resource
Switch
Interrupt
Controller
3.3 V
1.5 V
clk60
sys_clk
Digital Core
Power Distribution
IO Power
Distribution
Power/Reset/Clock
Management
(PRCM)
GPIO
3.3 V
1.5 V
USB 2.0
PHY Macro
OTG Analog
PLL
VBUSP2VBUS
Slave Bridge
USB 2.0 Dual Role OTG
Controller IP Core
USB EP Buffer RAM
(16k x 8)
VBUS
Master and Slave
32 bit @ sys_clk
INT
VLYNQ_CLK
VLYNQ_CRUN
VLYNQ_TX [3:0]
VLYNQ_RXD[3:0]
VLYNQ
Interface
(Ext Host Interface)
1.8 V
1.5 V
GPIO
5 V VBus
ID
DPVDM
XI/CLKIN
RSTn
SLEEP
32 bit @ sys_clk
DFT and
Debug
IO
Controller
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170C – JANUARY 2007 – REVISED JULY 2007
The TUSB6020 is a USB 2.0 high-speed, on-the-go (OTG) dual-role controller designed for a seamless interface
to the VLYNQ serial interface, and is ideal for a wide range of applications. The USB OTG dual-role controller
can operate either as a function controller for a USB peripheral or as the host/peripheral in point-to-point or
multi-point communications with other functions. The integrated USB 2.0 PHY provides one-port operation at low
speed (1.5 Mbps), full speed (12 Mbps), and high speed (480 Mbps). TUSB6020 is configured as an interrupt or
wake-up source, and some GPIOs have secondary functions dedicated to the USB 2.0 operation. The VLYNQ
serial interface is a low pin count, high-speed, point-to-point interface.
The device is fully compliant with Universal Serial Bus Specification Revision 2.0 and On-The-Go Supplement to
the USB Specification Revision 1.2.
The device operates from –40
°C to 85°C free air temperature.
ORDERING INFORMATION(1)(2)
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
0
°C to 70°C
MicroStar BGA™ – ZQE
Reel of 360
TUSB6020ZQE
PREVIEW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
BLOCK DIAGRAM
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com