Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB6020 Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB6020
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB6020 Datasheet HTML 1Page - Texas Instruments TUSB6020 Datasheet HTML 2Page - Texas Instruments TUSB6020 Datasheet HTML 3Page - Texas Instruments TUSB6020 Datasheet HTML 4Page - Texas Instruments TUSB6020 Datasheet HTML 5Page - Texas Instruments TUSB6020 Datasheet HTML 6Page - Texas Instruments TUSB6020 Datasheet HTML 7Page - Texas Instruments TUSB6020 Datasheet HTML 8Page - Texas Instruments TUSB6020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.ti.com
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170C – JANUARY 2007 – REVISED JULY 2007
TERMINAL FUNCTIONS
TERMINAL
RESET
TYPE
I/O
DESCRIPTION
STATE
NAME
NO.
1.5V_SWEN
G2
LVCMOS
O
0
Switch enable for 1.5-V LDO for VBAT/VBUS switch
3.3V_SWEN
G3
LVCMOS
O
0
Switch enable for 3.3-V CP for VBAT/VBUS switch
LVCMOS
CLKIN
A5
I
In
System clock in. Connect directly to ground if not used.
failsafe
CPEN
H2
LVCMOS
O
0
5-V charge pump enable
DM
E2
USB
I/O
–
USB differential pair
DP
D1
LVCMOS
I/O
–
USB differential pair
A8, B7,
B8, B9,
C6, C7,
GND
–
–
–
Ground
C8, D6,
D8, E7,
G4, J5
GPIO0
H4
LVCMOS
I/O
In with pullup
GPIO 0
GPIO1
D5
LVCMOS
I/O
In with pullup
GPIO 1
GPIO2
B6
LVCMOS
I/O
In with pullup
GPIO 2
GPIO3
E6
LVCMOS
I/O
In with pullup
GPIO 3
GPIO4
C4
LVCMOS
I/O
In with pullup
GPIO 4
GPIO5
C9
LVCMOS
I
In with pullup
GPIO 5
GPIO 6. Input clock source select at reset. GPIO6 = HIGH,
GPIO6
F5
LVCMOS
I/O
In with pullup
CLKIN is reference clock. GPIO6 = LOW, XI is reference
clock.
GPIO7
B2
LVCMOS
I/O
In with pullup
GPIO 7. Must be pulled low for proper operation
Indicates default master for OTG. For more information, see
ID
F2
USB
I
–
On-the-Go Supplement to the USB Specification, Revision 1.2
High-precision external resistor used for calibration.
R1
C2
Bias
I
–
(R1 value: 10 K
±1%)
RSTn
H1
LVCMOS
I
In with pullup
Reset active low
G5, H5,
RSVD
–
–
–
Reserved
J4, F6
SLEEP
H3
LVCMOS
O
0
OTG sleep
Test mode. Under normal operation, this signal should be tied
TEST
D4
LVCMOS
I
–
directly to GND.
Charged, discharged, and monitored for OTG host negotiation
VBUS
F3
USB
I
–
protocol and session request protocol. External charge pump
provides up to 100 mA.
A1, A9,
VDD15
B3, C5,
Supply
–
–
Digital core power supply, 1.5 V
D7, J3
A7, B5,
VDD18
Supply
–
–
I/O power supply, 1.8 V
E8, J1
VDDA1P5
E3
Supply
–
–
1.5-V analog supply
VDDA3P3
C1
Supply
–
–
3.3-V analog supply
VDDCM1P5
D2
Supply
–
–
1.5-V PLL supply
VDDD1P5
F1
Supply
–
–
1.5-V digital supply
F8, G6,
VDDS3P3
Supply
–
–
VLYNQ supply, 3.3 V
J9
VLYNQ_CLK
F9
LVCMOS
I
In with pullup
VLYNQ clock
LVCMOS
VLYNQ_CRUN
E9
I/O
In with pullup
VLYNQ clock run
open drain
VLYNQ_RXD0
H7
LVCMOS
I
In with pullup
VLYNQ receive data bit 0
VLYNQ_RXD1
J7
LVCMOS
I
In with pullup
VLYNQ receive data bit 1
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com