Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC4382IPFBT Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4382IPFBT Datasheet(HTML) 5 Page - Burr-Brown (TI)

  SRC4382IPFBT Datasheet HTML 1Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 2Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 3Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 4Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 5Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 6Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 7Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 8Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
www.ti.com
SRC4382
SBFS030B – JANUARY 2006 – REVISED APRIL 2006
ELECTRICAL CHARACTERISTICS: General, SRC, DIR, and DIT (continued)
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4382
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Total Harmonic Distortion + Noise (THD+N)(2)
BW = 22Hz to fSOUT/2,
f = 997Hz at 0dBFS
fSIN:fSOUT = 12kHz:192kHz
–125
dB
fSIN:fSOUT = 44.1kHz:44.1kHz
–125
dB
fSIN:fSOUT = 44.1kHz:48kHz
–125
dB
fSIN:fSOUT = 44.1kHz:96kHz
–125
dB
fSIN:fSOUT = 44.1kHz:192kHz
–125
dB
fSIN:fSOUT = 48kHz:44.1kHz
–125
dB
fSIN:fSOUT = 48kHz:48kHz
–125
dB
fSIN:fSOUT = 48kHz:96kHz
–125
dB
fSIN:fSOUT = 48kHz:192kHz
–125
dB
fSIN:fSOUT = 96kHz:44.1kHz
–125
dB
fSIN:fSOUT = 96kHz:48kHz
–125
dB
fSIN:fSOUT = 96kHz:96kHz
–125
dB
fSIN:fSOUT = 96kHz:192kHz
–125
dB
fSIN:fSOUT = 192kHz:12kHz
–125
dB
fSIN:fSOUT = 192kHz:44.1kHz
–125
dB
fSIN:fSOUT = 192kHz:48kHz
–125
dB
fSIN:fSOUT = 192kHz:96kHz
–125
dB
fSIN:fSOUT = 192kHz:192kHz
–125
dB
Digital Interpolation Filter Characteristics
Passband
0.4535 × fSIN
Hz
Passband Ripple
±0.007
dB
Transition Band
0.4535 × fSIN
0.5465 × fSIN
Hz
Stop Band
0.5465 × fSIN
Hz
Stop Band Attenuation
–125
dB
Group Delay (64 samples pre-buffered)
Decimation filter enabled
102.53125/fSIN
Seconds
Group Delay (64 samples pre-buffered)
Direct down-sampling enabled
102/fSIN
Seconds
Group Delay (32 samples pre-buffered)
Decimation filter enabled
70.53125/fSIN
Seconds
Group Delay (32 samples pre-buffered)
Direct down-sampling enabled
70/fSIN
Seconds
Group Delay (16 samples pre-buffered)
Decimation filter enabled
54.53125/fSIN
Seconds
Group Delay (16 samples pre-buffered)
Direct down-sampling enabled
54/fSIN
Seconds
Group Delay (8 samples pre-buffered)
Decimation filter enabled
46.53125/fSIN
Seconds
Group Delay (8 samples pre-buffered)
Direct down-sampling enabled
46/fSIN
Seconds
Digital Decimation Filter Characteristics
Passband
0.4535 × fSOUT
Hz
Passband Ripple
±0.008
dB
Transition Band
0.4535 × fSOUT
0.5465 × fSOUT
Hz
Stop Band
0.5465 × fSOUT
Hz
Stop Band Attenuation
–125
dB
Group Delay
Decimation filter enabled
36.46875/fSOUT
Seconds
Group Delay
Direct down-sampling enabled
0
Seconds
Digital De-Emphasis Filter Characteristics
Filter Error for All Settings
De-emphasis filter enabled
0.001
dB
(2)
Measured with an Audio Precision SYS-2722 192kHz test system with the input and output sampling frequencies asynchronous to one
another.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com