Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRC4382IPFBT Datasheet(PDF) 57 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4382IPFBT Datasheet(HTML) 57 Page - Burr-Brown (TI)

Back Button SRC4382IPFBT Datasheet HTML 53Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 54Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 55Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 56Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 57Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 58Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 59Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 60Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 61Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 81 page
background image
www.ti.com
SRC4382
SBFS030B – JANUARY 2006 – REVISED APRIL 2006
RATIO
SRC Ratio Status, Active High
The RATIO bit will be set to 1 when the input sampling rate is higher than the output sampling rate, and the RATIO interrupt is
unmasked (the MRATIO bit in control register 0x0B is set to 1). This will also cause the INT output (pin 23) to be driven low and the
SRC bit in status register 0x02 to be set to 1, indicating that an interrupt has occurred.
Register 0B: SRC and DIT Interrupt Mask Register
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
MRATIO
MREADY
0
0
MTSLIP
MTBTI
MBTI
Transmitter Buffer Transfer Interrupt Mask
MTBI
BTI Interrupt Mask
0
BTI interrupt is masked. (Default)
1
BTI interrupt is enabled.
MTSLIP
Transmitter TSLIP Interrupt Mask
MTSLIP
TSLIP Interrupt Mask
0
TSLIP interrupt is masked. (Default)
1
TSLIP interrupt is enabled.
MREADY
SRC Ready Interrupt Mask
MREADY
READY Interrupt Mask
0
READY interrupt is masked. (Default)
1
READY interrupt is enabled.
MRATIO
SRC Ratio Interrupt Mask
MRATIO
RATIO Interrupt Mask
0
RATIO interrupt is masked. (Default)
1
RATIO interrupt is enabled.
Register 0C: SRC and DIT Interrupt Mode Register
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
RATIOM1
RATIOM0
READYM1
READYM0
TSLIPM1
TSLIPM0
TBTIM1
TBTIM0
TBTIM[1:0]
Transmitter Buffer Transfer Interrupt Mode
These bits are utilized to select the active trigger state for the BTI interrupt.
TBTIM1
TBTIM0
Interrupt Active State
0
0
Rising Edge Active (Default)
0
1
Falling Edge Active
1
0
Level Active
1
1
Reserved
TSLIPM[1:0]
Transmitter Data Source Slip Interrupt Mode
These bits are utilized to select the active trigger state for the TSLIP interrupt.
TSLIPM1
TSLIPM0
Interrupt Active State
0
0
Rising Edge Active (Default)
0
1
Falling Edge Active
1
0
Level Active
1
1
Reserved
57
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com