Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1ICS3101W/N5D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SL1ICS3101W/N5D
Description  I.CODE1 Label IC 97pF Chip Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3101W/N5D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SL1ICS3101W/N5D Datasheet HTML 9Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 10Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 11Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 12Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 13Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 14Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 15Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 16Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Product Specification
SL1 ICS31 01
Rev. 1.2
July 2000
Page 13 of 22
Public
10 Packing
The packing for shipment of wafers has to protect the wafers against shock, severe impact, dust and
electrostatic discharge. The packing of unsawn wafers or sawn wafers is done according to Philips
‘General Specification for 6” Wafer’.
10.1 Storage Recommendations
Unsawn/sawn wafers should be kept in their original packing whilst in storage.
Recommended storage conditions:
Temperature:
15 ... 25 °C
Climate atmosphere:
40 ... 60 % r.h. or dried N2 (only unsawn wafers!)
Duration of storage:
max. 6 months
Deviating requirements have to be arranged between customer and Philips Semiconductors.
10.2 Possible Forms of Delivery
10.2.1 Packing of Unsawn Wafers
Delivery form:
wafer box
10.2.2 Packing of Sawn Wafers
Delivery form:
Film Frame Carrier (standard Philips carrier type P7)
Foil thickness:
0.55 ... 0.85 mm
Foil material:
sticky foil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com