Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1ICS3101W/N5D Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SL1ICS3101W/N5D
Description  I.CODE1 Label IC 97pF Chip Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3101W/N5D Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SL1ICS3101W/N5D Datasheet HTML 10Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 11Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 12Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 13Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 14Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 15Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 16Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 17Page - NXP Semiconductors SL1ICS3101W/N5D Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Product Specification
SL1 ICS31 01
Rev. 1.2
July 2000
Page 14 of 22
Public
11 Handling Recommendations
Please refer to Philips ‘General Specification for 6” Wafer’ for the following items:
11.1 Sawing
11.2 Die Attach
11.3 Wire Bonding
12 Coil Specification
The I•CODE1 Label IC has to be connected at pads LA, LB to a coil characterised by its electrical
parameters according to Philips application note ‘I•CODE Label IC, Coil Design Guide’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com