Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1ICS3101U/N5D Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SL1ICS3101U/N5D
Description  I.CODE1 Label IC 97pF Chip Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3101U/N5D Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SL1ICS3101U/N5D Datasheet HTML 11Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 12Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 13Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 14Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 15Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 16Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 17Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 18Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Product Specification
SL1 ICS31 01
Rev. 1.2
July 2000
Page 15 of 22
Public
13 Electrical Specifications
ABSOLUTE MAXIMUM RATINGS
1, 2
SYMBOL
PARAMETER
TEST
CONDITIONS
RATING
UNIT
Tstg
Storage Temperature Range
- 55 to +140
°C
Tj
Junction Temperature
- 55 to +140
°C
VESD
ESD Voltage Immunity
MIL-STD-883D,
Method 3015.7,
Human Body Model
± 2
kVpeak
Imax LA-LB Maximum Input Peak Current
3
± 80
mApeak
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any conditions other than those described in the Operating Conditions and
Electrical Characteristics section of this specification is not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima.
3. At 13.56 MHz, including current via resonance capacitor.
OPERATING CONDITIONS
SYMBOL
PARAMETER
TEST
CONDITIONS
MIN
TYP
1
MAX
UNIT
Tamb
Operating Ambient Temperature
- 25
+
70
°C
Tj op
Operating Junction Temperature
- 25
+
85
°C
ILA-LB
Input Current
2
50
mArms
VLA-LB rd
Minimum Supply Voltage
3
for READ/EAS
Standard Mode
± 3.1
± 3.7
Vpeak
VLA-LB wr
Minimum Supply Voltage
3
for WRITE
Standard Mode
± 3.6
± 4.1
Vpeak
VLA-LB fm
Minimum Supply Voltage
3
for READ/EAS/WRITE
Fast Mode
± 5.2
± 6.5
Vpeak
fop
Operating Frequency
4
13.553
13.560
13.567
MHz
NOTES:
1. Typical ratings are not guaranteed. These values listed are at room temperature.
2. Including current via resonance capacitor.
3. The voltage between LA and LB is limited by the on-chip voltage limitation circuitry (corresponding to parameter ILA-LB).
4. Bandwidth limitation (±7 kHz) according to ISM band regulations.
ELECTRICAL CHARACTERISTICS
Tamb = - 25 to +70 °C
SYMBOL
PARAMETER
TEST
CONDITIONS
MIN
TYP
1
MAX
UNIT
Cres
Input Capacitance between LA - LB
2
VLA-LB = 2 Vrms
92
97
102
pF
Pmin
Minimum Operating Supply Power
3
VLA-LB = 2 Vrms
450
µW
mmin
Minimum Modulation of RF Voltage
for Demodulator Response
m
V
- V
V
+ V
max
min
max
min
=
10
14
%
mmax
Maximum Modulation of RF Voltage
for Demodulator Response
m
V
- V
V
+ V
max
min
max
min
=
30
%
tP sm
Modulation Pulse Length
of RF Voltage
4
Standard Mode,
m
≥ 10 %
3.54
5.31
5
9.44
µs
tP fm
Modulation Start-Pulse Length
of RF Voltage
4
Fast Mode,
m
≥ 10 %
15.34
17.11
5
20.06
µs
tD
Demodulator Response Time
m
≥ 10 %
0.1
0.8
2.4
µs
Rmod
Modulator ON Resistance
50
115
250
Ω
tret
EEPROM Data Retention
Tamb ≤ 55 °C
10
Years
nwrite
EEPROM Write Endurance
100 000
Cycles
NOTES:
1. Typical ratings are not guaranteed. These values listed are at room temperature.
2. Measured with an HP4285A LCR meter at 13.56 MHz.
3. Including losses in resonant capacitor and rectifier.
4. The given values are derived from the 13.56 MHz system frequency.
5. Recommended values for pulse duration generated at the read/write device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com