Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1ICS3101U/N5D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SL1ICS3101U/N5D
Description  I.CODE1 Label IC 97pF Chip Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3101U/N5D Datasheet(HTML) 2 Page - NXP Semiconductors

  SL1ICS3101U/N5D Datasheet HTML 1Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 2Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 3Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 4Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 5Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 6Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 7Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 8Page - NXP Semiconductors SL1ICS3101U/N5D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Product Specification
SL1 ICS31 01
Rev. 1.2
July 2000
Page 2 of 22
Public
1 Contents
1
CONTENTS
2
2
DEFINITIONS
4
2.1
Life Support Applications .................................................................................................... 4
2.2
Abbreviations ........................................................................................................................ 4
3
SCOPE
5
4
ORDERING INFORMATION
5
5
FUNCTIONAL DESCRIPTION
6
5.1
Basic Features ....................................................................................................................... 6
5.2
Block Diagram of the IC....................................................................................................... 6
5.3
Memory Organisation........................................................................................................... 7
5.3.1
Serial Number................................................................................................................... 7
5.3.2
Write Access Conditions .................................................................................................. 7
5.3.3
Special Functions (EAS/QUIET)..................................................................................... 8
5.3.4
Family Code and Application Identifier........................................................................... 8
5.3.5
Configuration of delivered ICs......................................................................................... 8
6
MECHANICAL DIE SPECIFICATIONS
9
7
MECHANICAL WAFER SPECIFICATIONS
10
7.1
Wafer Status ........................................................................................................................ 10
7.2
Backside Treatment ............................................................................................................ 10
8
DOCUMENTATION
11
8.1
Delivery Documentation..................................................................................................... 11
8.2
Fail-Die Identification......................................................................................................... 11
8.2.1
Ink Dot Specification...................................................................................................... 11
8.2.2
Wafer Mapping............................................................................................................... 11
9
QUALITY ASSURANCE
12
9.1
Electrical Acceptance Test................................................................................................. 12
9.2
Visual Inspection................................................................................................................. 12
9.2.1
After Wafer Final Test.................................................................................................... 12
9.2.2
After Sawing (Film Frame Carrier)................................................................................ 12
10
PACKING
13
10.1 Storage Recommendations ................................................................................................. 13
10.2 Possible Forms of Delivery ................................................................................................. 13
10.2.1 Packing of Unsawn Wafers............................................................................................ 13
10.2.2 Packing of Sawn Wafers ................................................................................................ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com