Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR910FAM32X6 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STR910FAM32X6
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32X6 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STR910FAM32X6 Datasheet HTML 34Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 35Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 36Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 37Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 38Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 39Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 40Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 41Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
Pin description
STR91xFA
38/78
4.2
Default pin functions
During and just after reset, all pins on ports 0-9 default to high-impedance input mode until
CPU firmware assigns other functions to the pins. This initial input mode routes all pins on ports
0-9 to be read as GPIO inputs as shown in the “Default Pin Function” column of Table 5.
Simultaneously, certain port pin signals are also routed to other functional inputs as shown in
the “Default Input Function” column of Table 5, and these pin input functions will remain until
CPU firmware makes other assignments. At any time, even after the CPU assigns pins to
alternate functions, the CPU may always read the state of any pin on ports 0-9 as a GPIO input.
CPU firmware may assign alternate functions to port pins as shown in columns “Alternate Input
1” or “Alternate Output 1, 2, 3” of Table 5 by writing to control registers at run-time.
Notes for Table 5:
Notes: 1 STMicroelectronics advises to ground, or pull up to VDDQ using a 100 KΩ resistor, all unused
pins on port 0 - 9 to reduce noise susceptibility, noise generation, and minimize power
consumption. There are no internal or programmable pull-up resistors on ports 0-9.
2 All pins on ports 0 - 9 are 5V tolerant
3 Pins on ports 0,1,2,4,5,7,8,9 have 4 mA drive and 4mA sink. Ports 3 and 6 have 8 mA drive and
8 mA sink.
4 For 8-bit non-muxed EMI operation: Port 8 is eight bits of data, ports 7 and 9 are 16 bits of
address.
5 For 16-bit muxed EMI operation: Ports 8 and 9 are 16 bits of muxed address and data bits, port
7 is up to eight additional bits of high-order address
6 Signal polarity is programmable for interrupt request inputs, EMI_ALE, timer input capture
inputs and output compare/PWM outputs, motor control tach and emergency stop inputs, and
motor control phase outputs.
7 HiZ = High Impedance, V = Voltage Source, G = Ground, I/O = Input/Output
8 STR910FA devices do not support USB. On these devices USBDP and USBDN signals are
"Not Used" (USBDN is not connected, USBDP must be pulled up by a 1.5K ohm resistor to
VDDQ), and all functions named “USB" are not available.
9 STR910FA 128-pin and 144-ball devices do not support Ethernet. On these devices PHYCLK
and all functions named “MII*" are not available.
Table 5.
Device pin description
Pkg
Pin Name
Default Pin
Function
Default Input
Function
Alternate functions
Alternate
Input 1
Alternate
Output 1
Alternate
Output 2
Alternate
Output 3
-
67
L11
P0.0
I/O
GPIO_0.0,
GP Input, HiZ
MII_TX_CLK,
PHY Xmit clock
I2C0_CLKIN, I2C
clock in
GPIO_0.0,
GP Output
I2C0_CLKOUT, I2C
clock out
ETM_PCK0, ETM
Packet
-
69 K10
P0.1
I/O
GPIO_0.1,
GP Input, HiZ
-
I2C0_DIN,
I2C data in
GPIO_0.1,
GP Output
I2C0_DOUT,
I2C data out
ETM_PCK1, ETM
Packet
-
71
J11
P0.2
I/O
GPIO_0.2,
GP Input, HiZ
MII_RXD0,
PHY Rx data0
I2C1_CLKIN, I2C
clock in
GPIO_0.2,
GP Output
I2C1_CLKOUT, I2C
clock out
ETM_PCK2, ETM
Packet
-
76 H12
P0.3
I/O
GPIO_0.3,
GP Input, HiZ
MII_RXD1,
PHY Rx data
I2C1_DIN,
I2C data in
GPIO_0.3,
GP Output
I2C1_DOUT,
I2C data out
ETM_PCK3, ETM
Packet
-
78 H10
P0.4
I/O
GPIO_0.4,
GP Input, HiZ
MII_RXD2,
PHY Rx data
TIM0_ICAP1,
Input Capture
GPIO_0.4,
GP Output
EMI_CS0n,
EMI Chip Select
ETM_PSTAT0,
ETM pipe status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com