Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR910FAM32X6 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STR910FAM32X6
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32X6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STR910FAM32X6 Datasheet HTML 40Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 41Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 42Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 43Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 44Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 45Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 46Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 47Page - STMicroelectronics STR910FAM32X6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
Memory mapping
STR91xFA
44/78
5
Memory mapping
The ARM966E-S CPU addresses a single linear address space of 4 giga-bytes (232) from
address 0x0000.0000 to 0xFFFF.FFFF as shown in Figure 9. Upon reset the CPU boots from
address 0x0000.0000, which is chip-select zero at address zero in the Flash Memory Interface
(FMI).
The Instruction TCM and Data TCM enable high-speed CPU operation without incurring any
performance or power penalties associated with accessing the system buses (AHB and APB).
I-TCM and D-TCM address ranges are shown at the bottom of the memory map in Figure 9.
5.1
Buffered and non-buffered writes
The CPU makes use of write buffers on the AHB and the D-TCM to decouple the CPU from any
wait states associated with a write operation. The user may choose to use write with buffers on
the AHB by setting bit 3 in control register CP15 and selecting the appropriate AHB address
range when writing. By default at reset, buffered writes are disabled (bit 3 of CP15 is clear) and
all AHB writes are non-buffered until enabled. Figure 9 shows that most addressable items on
the AHB are aliased at two address ranges, one for buffered writes and another for non-
buffered writes. A buffered write will allow the CPU to continue program execution while the
write-back is performed through a FIFO to the final destination on the AHB. If the FIFO is full,
the CPU is stalled until FIFO space is available. A non-buffered write will impose an immediate
delay to the CPU, but results in a direct write to the final AHB destination, ensuring data
coherency. Read operations from AHB locations are always direct and never buffered.
5.2
System (AHB) and peripheral (APB) buses
The CPU will access SRAM, higher-speed peripherals (USB, Ethernet, Programmable DMA),
and the external bus (EMI) on the AHB at their respective base addresses indicated in Figure 9.
Lower-speed peripherals reside on the APB and are accessed using two separate AHB-to-APB
bridge units (APB0 and APB1). These bridge units are essentially address windows connecting
the AHB to the APB. To access an individual APB peripheral, the CPU will place an address on
the AHB bus equal to the base address of the appropriate bridge unit APB0 or APB1, plus the
offset of the particular peripheral, plus the offset of the individual data location within the
peripheral. Figure 9 shows the base addresses of bridge units APB0 and APB1, and also the
base address of each APB peripheral. Please consult the STR91xFA Reference manual for the
address of data locations within each individual peripheral.
5.3
SRAM
The SRAM is aliased at three separate address ranges as shown in Figure 9. When the CPU
accesses SRAM starting at 0x0400.0000, the SRAM appears on the D-TCM. When CPU
access starts at 0x4000.0000, SRAM appears in the buffered AHB range. Beginning at CPU
address 0x5000.0000, SRAM is in non-buffered AHB range. The SRAM size must be specified
by CPU intitialization firmware writing to a control register after any reset condition. Default
SRAM size is 32K bytes, with option to set to 64K bytes on STR91xFAx3x devices, and to 96K
bytes on STR91xFAx4x devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com