Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7220D Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7220D
Description  VERY LOW VOLTAGE AM-FM RADIO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7220D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7220D Datasheet HTML 5Page - STMicroelectronics TDA7220D Datasheet HTML 6Page - STMicroelectronics TDA7220D Datasheet HTML 7Page - STMicroelectronics TDA7220D Datasheet HTML 8Page - STMicroelectronics TDA7220D Datasheet HTML 9Page - STMicroelectronics TDA7220D Datasheet HTML 10Page - STMicroelectronics TDA7220D Datasheet HTML 11Page - STMicroelectronics TDA7220D Datasheet HTML 12Page - STMicroelectronics TDA7220D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Figure 15 : DC Output Voltage (Pin 9) versus
Supply Voltage (FM section)
Figure 16 : AFC Output Voltage (Pin 9) versus
Frequency Deviation (FM section)
Figure 17 : Drain Current versus Supply Voltage
APPLICATION INFORMATION
TYPICAL PERFORMANCE OF THE RADIO RECEIVER OF FIGURE 18 (VS =3V, RL =32
Ω)
Parameter
Test Conditions
Value
Unit
Wavebands
FM
87.5 to 108
MHz
AM
510 to 1620
kHz
Sensitivity
FM
S/N = 26dB,
∆f = 22.5kHz
3
µV
AM
S/N = 6dB, m = 0.3
2
µV
AM
S/N = 26dB, m = 0.3
10
µV
Distortion
(fm = 1kHz)
FM
PO = 20mW
VI = 100
µV
∆f = 22.5kHz
0.5
%
∆f = 75kHz
1.8
%
AM
m = 0.3
1.1
%
Signal to Noise
(fm = 1kHz)
FM
PO = 20mW
VI = 100
µV
∆f = 22.5kHz
60
dB
AM
m = 0.3
45
dB
Amplitude Modulation Rejection
FM
VI = 100
µV, ∆f = 22.5kHz, m = 0.3
40
dB
Quiescent Current
16
mA
Supply Voltage Range
1.6 to 3
V
TDA7220
9/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com