Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7220D Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7220D
Description  VERY LOW VOLTAGE AM-FM RADIO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7220D Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7220D Datasheet HTML 1Page - STMicroelectronics TDA7220D Datasheet HTML 2Page - STMicroelectronics TDA7220D Datasheet HTML 3Page - STMicroelectronics TDA7220D Datasheet HTML 4Page - STMicroelectronics TDA7220D Datasheet HTML 5Page - STMicroelectronics TDA7220D Datasheet HTML 6Page - STMicroelectronics TDA7220D Datasheet HTML 7Page - STMicroelectronics TDA7220D Datasheet HTML 8Page - STMicroelectronics TDA7220D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
oC, VS = 1.6V, unless specified, refer to Test Circuit)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ID
Drain Current
AM Section
FM Section
8
7
15
13
mA
mA
AM SECTION (fO = 1MHz, fm = 1kHz)
VI
Input Sensitivity
S/N = 26dB, m = 0.3
15
25
µV
S/N
Signal to Noise
VI = 1mV, m = 0.3
40
48
dB
∆VI
AGC Range
∆VOUT = 10dB, m = 0.8
90
dB
VO
Recovered Audio Signal (Pin 9)
VI = 1mV, m = 0.3
40
75
mV
d
Distortion
0.5
%
VH
Max. Input Signal Handling Capability
m = 0.8, d < 10%
0.5
V
RI
Input Resistance between Pins 2 and 4
m = 0
7.5
k
CI
Input Capacitance between Pins 2 and 4
m = 0
18
pF
RO
Output Resistance (Pin 9)
4.5
k
Tweet 2 IF
VI = 1mV, m = 0.3
40
dB
Tweet 3 IF
55
dB
FM SECTION (fO = 10.7MHz, fm = 1kHz)
VI
Input Limiting Voltage
- 3dB limiting point
50
µV
AMR
Amplitude Modulation Rejection
∆f= ± 22.5kHz, VI = 3mV,
m= 3
34
dB
S/N
Signal to Noise
∆f= ± 22.5kHz, VI = 1mV
55
dB
d
Distortion
∆f= ± 22.5kHz, VI = 1mV
0.6
%
VO
Recovered Audio SIgnal (Pin 9)
∆f= ± 22.5kHz, VI = 1mV
55
mV
RI
Input Resistance between Pin 16 and Ground
6.5
k
CI
Input Capacitance between Pin 16 and Ground
14
pF
RO
Output Resistance (Pin 9)
4.5
k
TDA7220
4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com