Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBA120 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TBA120
Description  Sound I.F. amplifier/demodulator for TV
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TBA120 Datasheet(HTML) 7 Page - NXP Semiconductors

  TBA120 Datasheet HTML 1Page - NXP Semiconductors TBA120 Datasheet HTML 2Page - NXP Semiconductors TBA120 Datasheet HTML 3Page - NXP Semiconductors TBA120 Datasheet HTML 4Page - NXP Semiconductors TBA120 Datasheet HTML 5Page - NXP Semiconductors TBA120 Datasheet HTML 6Page - NXP Semiconductors TBA120 Datasheet HTML 7Page - NXP Semiconductors TBA120 Datasheet HTML 8Page - NXP Semiconductors TBA120 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
March 1986
7
Philips Semiconductors
Product specification
Sound I.F. amplifier/demodulator for TV
TBA120U
Fig.7
The a.f. output voltages at pins 8 and 1 as a
function of the supply voltage; 0 dB
≅ 770
mV.
Fig.8
Total distortion as a function of the a.f.
output voltage change.
____ 0 dB
≅ 900 mV over i.f. (pin 8)
- - - - 0 dB
≅ 1,15 V (pin 8)
Fig.9
Supply current and the reference voltage at
pin 4 as a function of supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com