Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBA120 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TBA120
Description  Sound I.F. amplifier/demodulator for TV
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TBA120 Datasheet(HTML) 2 Page - NXP Semiconductors

  TBA120 Datasheet HTML 1Page - NXP Semiconductors TBA120 Datasheet HTML 2Page - NXP Semiconductors TBA120 Datasheet HTML 3Page - NXP Semiconductors TBA120 Datasheet HTML 4Page - NXP Semiconductors TBA120 Datasheet HTML 5Page - NXP Semiconductors TBA120 Datasheet HTML 6Page - NXP Semiconductors TBA120 Datasheet HTML 7Page - NXP Semiconductors TBA120 Datasheet HTML 8Page - NXP Semiconductors TBA120 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
March 1986
2
Philips Semiconductors
Product specification
Sound I.F. amplifier/demodulator for TV
TBA120U
GENERAL DESCRIPTION
The TBA120U is an i.f. amplifier with a symmetrical FM demodulator and an a.f. amplifier with adjustable output voltage.
The a.f. amplifier is also provided with an output for volume control and an input for VCR operation.
The input and output of the TBA120U are especially designed for LC-circuits, but the input can also be used with a
ceramic filter.
QUICK REFERENCE DATA
PACKAGE OUTLINE
14-lead DIL; plastic (SOT27); SOT27-1; 1996 November 19.
Supply voltage (pin 11)
Vp
typ.
12
V
Supply current
IP
typ.
13,5
mA
I.F. voltage gain at f = 5,5 MHz
Gv if
typ.
68
dB
Input voltage starting limiting
Vi
typ.
30
µV
AM suppression at
∆f= ± 50 kHz
α
typ.
60
dB
A.F. output voltage adjustment range (pin 8)
∆Vo af
typ.
85
dB
A.F. output voltage at
∆f= ± 50 KHz (r.m.s. value)
at pin 8
Vo af (rms)
typ.
1,2
V
at pin 12
Vo af (rms)
typ.
1,0
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com