Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA10045 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA10045
Description  DVB-T channel receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10045 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA10045 Datasheet HTML 9Page - NXP Semiconductors TDA10045 Datasheet HTML 10Page - NXP Semiconductors TDA10045 Datasheet HTML 11Page - NXP Semiconductors TDA10045 Datasheet HTML 12Page - NXP Semiconductors TDA10045 Datasheet HTML 13Page - NXP Semiconductors TDA10045 Datasheet HTML 14Page - NXP Semiconductors TDA10045 Datasheet HTML 15Page - NXP Semiconductors TDA10045 Datasheet HTML 16Page - NXP Semiconductors TDA10045 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
2001 Nov 08
13
Philips Semiconductors
Product specification
DVB-T channel receiver
TDA10045H
Tuner
• A RF tracking filter tracks the RF wanted frequency and
suppresses the image
• A first local wideband AGC is usually done at RF level,
the AGC level information could be provided externally
and the chip offers facilities to measure this level by the
optional ADC (this measurement is automatically made
by the DSP, the host has just to read the result)
• A mixer oscillator and a PLL downconverts the RF signal
to intermediate frequency IF1 (36.125 MHz typ.)
• SAW filters eliminate the power of the adjacent channels
around IF1.
IF interface
• It is either an analog IF amplifier when IF1 is sampled
(direct IF: digital downconversion concept) or an analog
IF amplifier followed by a downconversion from IF1 to
IF2 at a few MHz (e.g. 4.57 MHz)
• When this second solution is used, the ADC sampling
clock could be used (after low-pass filtering) as a
reference clock for downconversion (twice the ADC
sampling clock could also be provided)
• The IF amplifier is controlled by the digital AGC of the
chip. A simple RC circuit filters the single bit
(
∆Σ modulated) AGC control (VAGC)
• The sampling clock could also be used to control an
external ADC, the inputs to the chip will then be digital
(FI[9:0]).
TDA10045H
• The chip is controlled by an I2C-bus and driven by an
external low-cost crystal oscillator
• The software of the embedded DSP can be downloaded
from the main I2C-bus or from a dedicated I2C-bus
connected to an external slave I2C-bus EEPROM
• An internal bidirectional switch enables the tuner to be
programmed through the chip and then switch-off the
link in order to avoid phase noise distortions due to
I2C-bus traffic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com