Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39LF080 Datasheet(PDF) 24 Page - Silicon Storage Technology, Inc

Part # SST39LF080
Description  8 Mbit (x8) Multi-Purpose Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF080 Datasheet(HTML) 24 Page - Silicon Storage Technology, Inc

Back Button SST39LF080 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 25Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
24
EOL Data Sheet
8 Mbit Multi-Purpose Flash
SST39LF080 / SST39VF080
©2007 Silicon Storage Technology, Inc.
S71146-07-EOL
6/07
PACKAGING DIAGRAMS
FIGURE 20: 40-lead Thin Small Outline Package (TSOP) 10mm x 20mm
SST Package Code: EI
18.50
18.30
20.20
19.80
0.70
0.50
10.10
9.90
0.27
0.17
1.05
0.95
0.15
0.05
0.70
0.50
40-tsop-EI-7
Note: 1. Complies with JEDEC publication 95 MO-142 CD dimensions,
although some dimensions may be more stringent.
2. All linear dimensions are in millimeters (max/min).
3. Coplanarity: 0.1 mm
4. Maximum allowable mold flash is 0.15 mm at the package ends, and 0.25 mm between leads.
Pin # 1 Identifier
0.50
BSC
1.20
max.
0˚- 5˚
DETAIL
1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com