Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39LF080 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST39LF080
Description  8 Mbit (x8) Multi-Purpose Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF080 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST39LF080 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39LF080 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
EOL Data Sheet
©2007 Silicon Storage Technology, Inc.
S71146-07-EOL
6/07
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
MPF is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
8 Mbit (x8) Multi-Purpose Flash
SST39LF080 / SST39VF080
FEATURES:
•
Organized as 1M x8
•
Single Voltage Read and Write Operations
– 3.0-3.6V for SST39LF080
– 2.7-3.6V for SST39VF080
•
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
•
Low Power Consumption
(typical values at 14 MHz)
– Active Current: 12 mA (typical)
– Standby Current: 4 µA (typical)
– Auto Low Power Mode: 4 µA (typical)
•
Sector-Erase Capability
– Uniform 4 KByte sectors
•
Block-Erase Capability
– Uniform 64 KByte blocks
•
Fast Read Access Time:
– 55 ns for SST39LF080
– 70 and 90 ns for SST39VF080
•
Latched Address and Data
•
Fast Erase and Byte-Program:
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 70 ms (typical)
– Byte-Program Time: 14 µs (typical)
– Chip Rewrite Time:
15 seconds (typical) for SST39LF/VF080
•
Automatic Write Timing
– Internal VPP Generation
•
End-of-Write Detection
– Toggle Bit
– Data# Polling
•
CMOS I/O Compatibility
•
JEDEC Standard
– Flash EEPROM Pinouts and command sets
•
Packages Available
– 40-lead TSOP (10mm x 20mm)
– 48-ball TFBGA (6mm x 8mm)
PRODUCT DESCRIPTION
The SST39LF/VF080 devices are 1M x8 CMOS Multi-Pur-
pose Flash (MPF) manufactured with SST’s proprietary,
high-performance CMOS SuperFlash technology. The
split-gate cell design and thick-oxide tunneling injector
attain better reliability and manufacturability compared with
alternate approaches. The SST39LF080 write (Program or
Erase) with a 3.0-3.6V power supply. The SST39VF080
write (Program or Erase) with a 2.7-3.6V power supply.
They conform to JEDEC standard pinouts for x8 memories.
Featuring high performance Byte-Program, the SST39LF/
VF080 devices provide a typical Byte-Program time of 14
µsec. The devices use Toggle Bit or Data# Polling to indi-
cate the completion of Program operation. To protect
against inadvertent write, they have on-chip hardware and
Software Data Protection schemes. Designed, manufac-
tured, and tested for a wide spectrum of applications,
these devices are offered with a guaranteed typical
endurance of 10,000 cycles. Data retention is rated at
greater than 100 years.
The SST39LF/VF080 devices are suited for applications
that require convenient and economical updating of pro-
gram, configuration, or data memory. For all system appli-
cations, they significantly improve performance and
reliability, while lowering power consumption. They inher-
ently use less energy during Erase and Program than alter-
native flash technologies. The total energy consumed is a
function of the applied voltage, current, and time of applica-
tion. Since for any given voltage range, the SuperFlash
technology uses less current to program and has a shorter
erase time, the total energy consumed during any Erase or
Program operation is less than alternative flash technolo-
gies. They also improve flexibility while lowering the cost for
program, data, and configuration storage applications.
The SuperFlash technology provides fixed Erase and Pro-
gram times, independent of the number of Erase/Program
cycles that have occurred. Therefore the system software
or hardware does not have to be modified or de-rated as is
necessary with alternative flash technologies, whose Erase
and Program times increase with accumulated Erase/Pro-
gram cycles.
To meet high density, surface mount requirements, the
SST39LF/VF080 are offered in 40-lead TSOP and 48-
ball TFBGA packages. See Figures 1 and 2 for pin
assignments.
SST39LF/VF0803.0 & 2.7V 8Mb (x8) MPF memories


Similar Part No. - SST39LF080

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39LF080-55-4C-B3I SST-SST39LF080-55-4C-B3I Datasheet
311Kb / 26P
8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39LF080-55-4C-B3K SST-SST39LF080-55-4C-B3K Datasheet
311Kb / 26P
8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39LF080-55-4C-EI SST-SST39LF080-55-4C-EI Datasheet
311Kb / 26P
8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39LF080-55-4C-EK SST-SST39LF080-55-4C-EK Datasheet
311Kb / 26P
8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
More results

Similar Description - SST39LF080

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF1681 SST-SST39VF1681 Datasheet
474Kb / 29P
16 Mbit (x8) Multi-Purpose Flash Plus
SST39VF088 SST-SST39VF088 Datasheet
339Kb / 22P
8 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF088 SST-SST39VF088_07 Datasheet
378Kb / 22P
8 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com