Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC202CS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC202CS
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC202CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC202CS Datasheet HTML 7Page - Linear Technology LTC202CS Datasheet HTML 8Page - Linear Technology LTC202CS Datasheet HTML 9Page - Linear Technology LTC202CS Datasheet HTML 10Page - Linear Technology LTC202CS Datasheet HTML 11Page - Linear Technology LTC202CS Datasheet HTML 12Page - Linear Technology LTC202CS Datasheet HTML 13Page - Linear Technology LTC202CS Datasheet HTML 14Page - Linear Technology LTC202CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC201A/LTC202/LTC203
11
201a23fb
Micropower Thermocouple Temperature to Frequency Converter
APPLICATIO S I FOR ATIO
V +
GND
GND
S2
S1
S3
S4
NC
IN3
IN2
IN1
IN4
D3
D2
D4
D1
V –
11
16
3
13
12
6
5
1
9
8
14
4
15
10
7
2
6V
6.8
µF
0.02
µF
LTC203
100k
100k
100
°C 1.5kΩ
TRIM
10k
240k
6.81k
Ω**
1M
LT1049
LT1004-1.2V
LT1025
300pF
100pF
LT201_202_203 • AI14
390pF*
6V
6V
6V
74C14
6V
6V
0.47
µF
2N3906
2N3904
C1
C2
C4
C3
Q2
Q1
NC
“A”
OUTPUT
0
°C to 100°C
D.C. to 1kHz
R–
K
+ V
TYPE K
THERMOCOUPLE
NOTES:
POLYSTYRENE
IRC/TRW MTR/5/+ 120ppm
360
µA OPERATING CURRENT
4.75V TO 10V SUPPLY VOLTAGE
FOR 4mV FULL SCALE “GENERAL PURPOSE”
V
→ F DELETE LT1025 AND THERMOCOUPLE
AND DRIVE POINT “A”
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com