Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC202CS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC202CS
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC202CS Datasheet(HTML) 2 Page - Linear Technology

  LTC202CS Datasheet HTML 1Page - Linear Technology LTC202CS Datasheet HTML 2Page - Linear Technology LTC202CS Datasheet HTML 3Page - Linear Technology LTC202CS Datasheet HTML 4Page - Linear Technology LTC202CS Datasheet HTML 5Page - Linear Technology LTC202CS Datasheet HTML 6Page - Linear Technology LTC202CS Datasheet HTML 7Page - Linear Technology LTC202CS Datasheet HTML 8Page - Linear Technology LTC202CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC201A/LTC202/LTC203
2
201a23fb
LTC201AM/LTC202M/
LTC201AC/LTC202C/
LTC203M
LTC203C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Analog Signal Range
●
±15
±15
V
RON
VS = ±10V
TMIN
110
125
Ω
ID = 1mA
25°C65
110
65
125
Ω
TMAX
160
160
Ω
∆RON vs VS
20
20
%
∆RON vs Temperature
0.5
0.5
%/°C
RON Match
VS = 0V, IDS = 1mA
5
5
%
Off Input Leakage IS (OFF)
VD = ±14V, VS = ±14V
0.01
±1
0.01
±5nA
Switch Off
●
±100
±100
nA
ORDER PART
NUMBER
LTC201ACN
LTC201ACS
LTC202CN
LTC202CS
LTC203CN
LTC203CS
N PACKAGE
16-LEAD PDIP
TJMAX = 110°C, θJA - 120C/W
ORDER PART
NUMBER
LTC201AMJ
LTC201ACJ
LTC202MJ
LTC202CJ
LTC203MJ
LTC203CJ
S PACKAGE
16-LEAD PLASTIC SO
TJMAX = 110°C, θJA - 130C/W
J PACKAGE
16-LEAD CERDIP
TJMAX = 150°C, θJA - 100C/W
TOP VIEW
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1
D1
S1
V
–
GND
S4
D4
IN4
IN2BP C
D2
S2
V+
NC
S3
D3
IN3
Voltages Referenced to V–
V+ ........................................................................ 44V
GND ..................................................................... 25V
Digital Inputs, S, D (Note 2) ....... – 2V to (V+ + 2V) or
20mA, Whichever Occurs First
Current
Any Input Except S or D ................................... 30mA
Continuous S or D ............................................ 20mA
Peak S or D (Pulsed at 1ms,
10% Duty Cycle Max) ................................... 70mA
ESD Susceptibility (Note 3) ...................................... 4kV
Power Dissipation (Plastic) ............................... 500mW
Power Dissipation (Ceramic) ............................. 900mW
Operating Temperature Range
LTC201AC/LTC202C/LTC203C ................ 0°C to 70°C
LTC201AM/LTC202M/LTC203M ....... –55°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
(Note 1)
PACKAGE/ORDER I FOR ATIO
DIGITAL A D DC ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply
over full operating temperature range, otherwise specifications are at TA = 25°C. V+ = 15V, V– = –15V, GND = 0V.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC201A
LTC202
LTC203
INX
IN1 TO IN4
IN1 TO IN4
IN1, IN4
IN2, IN3
0ON
OFF
OFF
ON
1
OFF
ON
ON
OFF
LOGIC TABLE
OBSOLETE PACKAGE
Consider the N16 or SO-16 Package for Alternate Source
ABSOLUTE
AXI U
RATI GS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com