Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1242295 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1242295
Description  SF-7ES1N8AYW00X - Device connector front mounting with knurled nut
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1242295 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1242295 Datasheet HTML 6Page - PHOENIX CONTACT 1242295 Datasheet HTML 7Page - PHOENIX CONTACT 1242295 Datasheet HTML 8Page - PHOENIX CONTACT 1242295 Datasheet HTML 9Page - PHOENIX CONTACT 1242295 Datasheet HTML 10Page - PHOENIX CONTACT 1242295 Datasheet HTML 11Page - PHOENIX CONTACT 1242295 Datasheet HTML 12Page - PHOENIX CONTACT 1242295 Datasheet HTML 13Page - PHOENIX CONTACT 1242295 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SF-10KS0,50-1,50 - Crimp contact
1241923
https://www.phoenixcontact.com/us/products/1241923
Crimp contact, Socket, turned, Single contact, contact diameter: 1 mm, crimp
range: 0.5 mm2 ... 1.5 mm2, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb < 0.1 %)
SF-Z0028 - Torque screwdriver
1607456
https://www.phoenixcontact.com/us/products/1607456
Torque screwdriver, series: RC, UC, SH, SF
SF-7ES1N8AYW00X - Device connector front
mounting with knurled nut
1242295
https://www.phoenixcontact.com/us/products/1242295
Jul 2, 2024, 7:15 AM
Page 13 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com