Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1242295 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1242295
Description  SF-7ES1N8AYW00X - Device connector front mounting with knurled nut
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1242295 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1242295 Datasheet HTML 1Page - PHOENIX CONTACT 1242295 Datasheet HTML 2Page - PHOENIX CONTACT 1242295 Datasheet HTML 3Page - PHOENIX CONTACT 1242295 Datasheet HTML 4Page - PHOENIX CONTACT 1242295 Datasheet HTML 5Page - PHOENIX CONTACT 1242295 Datasheet HTML 6Page - PHOENIX CONTACT 1242295 Datasheet HTML 7Page - PHOENIX CONTACT 1242295 Datasheet HTML 8Page - PHOENIX CONTACT 1242295 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device connector front mounting with knurled nut, angled fixed, Screw locking mechanism, M23,
number of positions: 4+3+PE, contact connection type: Socket, Axial O-ring, 4x Ø 3.2, shielded:
yes, flange dimensions: 26 mm x 26 mm, degree of protection: IP67, number of positions: 8,
connection method: Crimp connection, series: SF, Item is lead-free in accordance with RoHS II
without Exemption 6c (Pb < 0.1 %)
Commercial data
Item number
1242295
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
ABRBFO
GTIN
4063151396855
Weight per piece (including packing)
170.35 g
Weight per piece (excluding packing)
170.35 g
Country of origin
DE
SF-7ES1N8AYW00X - Device connector front
mounting with knurled nut
1242295
https://www.phoenixcontact.com/us/products/1242295
Jul 2, 2024, 7:15 AM
Page 1 (14)


Similar Part No. - 1242295

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1242292 PHOENIX-1242292 Datasheet
536Kb / 12P
SF-5ES1N8AYW00X - Device connector, front mounting with knurled nut
1242293 PHOENIX-1242293 Datasheet
179Kb / 4P
SF-10KP0,50-1,50 - Crimp contact
More results

Similar Description - 1242295

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605586 PHOENIX-1605586 Datasheet
667Kb / 17P
SF-7EP1N8AAD00 - Device connector front mounting
1605512 PHOENIX-1605512 Datasheet
619Kb / 15P
SF-5EP1N8AAD00 - Device connector front mounting
1605520 PHOENIX-1605520 Datasheet
644Kb / 17P
SF-5EP1N8AWA00 - Device connector front mounting
1605622 PHOENIX-1605622 Datasheet
692Kb / 17P
SF-7ES1N8AY000 - Device connector, front mounting with knurled nut
1605865 PHOENIX-1605865 Datasheet
624Kb / 14P
SM-7ES1N8AY000 - Device connector, front mounting with knurled nut
1607082 PHOENIX-1607082 Datasheet
623Kb / 15P
SF-5ES1N8AY000 - Device connector, front mounting with knurled nut
1607532 PHOENIX-1607532 Datasheet
610Kb / 14P
SM-5ES1N8AYW00 - Device connector, front mounting with knurled nut
1613525 PHOENIX-1613525 Datasheet
615Kb / 15P
SM-5ES1N8AYW00S - Device connector, front mounting with knurled nut
1605823 PHOENIX-1605823 Datasheet
624Kb / 15P
SM-5ES1N8AY000 - Device connector, front mounting with knurled nut
1613524 PHOENIX-1613524 Datasheet
618Kb / 15P
SM-5ES1N8AY000S - Device connector, front mounting with knurled nut
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com