Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSI10040L-R36M Datasheet(PDF) 7 Page - AiT Semiconductor Inc.

Part # WSI10040L-R36M
Description  WIRE WOUND SMD INDUCTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSI10040L-R36M Datasheet(HTML) 7 Page - AiT Semiconductor Inc.

Back Button WSI10040L-R36M Datasheet HTML 3Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 4Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 5Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 6Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 7Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 8Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 9Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 10Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 11Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AiT Semiconductor Inc.
WSI
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
REV1.1
- 7 -
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI06030L-1R0M
1.00
7.60
8.00
9.50
12.50
WSI06030L-1R5M
1.50
11.70
12.50
8.00
10.50
WSI06030L-2R2M
2.20
15.70
16.50
7.00
9.00
WSI06030L-3R3M
3.30
24.80
26.00
6.50
7.00
WSI06030L-4R7M
4.70
31.80
33.40
4.00
6.00
WSI06030L-6R8M
6.80
44.60
46.80
4.00
5.50
WSI06030L-8R2M
8.20
52.30
54.90
4.00
5.00
WSI06030L-100M
10.00
67.80
71.20
3.50
4.00
WSI06030L-150M
15.00
110.00
125.00
3.00
3.50
WSI06030L-220M
22.00
128.90
135.00
2.50
2.90
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI06040J-R22M
0.22
2.00
2.40
34.00
23.00
WSI06040J-R33M
0.33
3.00
3.40
30.00
18.00
WSI06040J-R36M
0.36
3.60
4.30
28.00
18.00
WSI06040J-R47M
0.47
3.80
4.50
27.00
17.00
WSI06040J-R50M
0.50
2.80
3.40
21.00
20.00
WSI06040J-R56M
0.56
4.30
5.00
20.00
16.00
WSI06040J-R68M
0.68
4.50
5.00
20.00
16.00
WSI06040J-R82M
0.82
5.50
6.60
17.00
13.00
WSI06040J-1R1M
1.10
4.60
5.50
19.00
15.30
WSI06040J-1R5M
1.50
8.00
10.00
13.00
11.50
WSI06040J-2R2M
2.20
9.80
12.00
11.00
11.00
WSI06040J-3R3M
3.30
12.50
16.00
10.00
10.00
WSI06040J-4R7M
4.70
18.40
24.00
8.00
6.70
WSI06040J-5R6M
5.60
21.00
29.00
8.00
6.30
WSI06040J-6R8M
6.80
29.00
33.00
7.00
6.00
WSI06040J-8R2M
8.20
34.00
39.00
5.50
5.00
WSI06040J-100M
10.00
42.50
45.00
5.00
4.10
WSI06040J-120M
12.00
46.30
53.00
5.00
4.00
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com