Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSI10040L-R36M Datasheet(PDF) 11 Page - AiT Semiconductor Inc.

Part # WSI10040L-R36M
Description  WIRE WOUND SMD INDUCTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSI10040L-R36M Datasheet(HTML) 11 Page - AiT Semiconductor Inc.

Back Button WSI10040L-R36M Datasheet HTML 7Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 8Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 9Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 10Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 11Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 12Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 13Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 14Page - AiT Semiconductor Inc. WSI10040L-R36M Datasheet HTML 15Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AiT Semiconductor Inc.
WSI
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
REV1.1
- 11 -
●RELIABILITY
Test Item
Test Condition
Specification
Dimension
Actual Size ...
Meet Spec
Thermal Shock
(Temperature Cycle)
Temperature: -40 ~ +125℃ kept stabilized for 30 min. each
Cycle: 100 Cycles (power off)
Elec. no variation
Appearance no deformation
Humidity Resistance
Humidity: 90% ~ 95% RH
Temperature: 60 ± 2℃ Test Time: 96 ± 2 Hours
Elec. no variation
Appearance no deformation
High Temperature
Temperature: 125 ± 2℃
Testing Time: 96 ± 2 Hours
Elec. no variation
Appearance no deformation
Low Temperature
Temperature: -40 ± 2℃
Time: 96 ± 2 Hours
Elec. no variation
Appearance no deformation
Temperature and
Humidity Cycle
Temperature
Humidity
Time
25℃
90% ~ 95% RH
3.0 Hr
55℃
95% ~ 96% RH
5.0 Hr
25℃
90% ~ 95% RH
3.0 Hr
Cycle: 20 Cycles
Elec. no variation
Appearance no deformation
Vibration
Frequency: 10Hz ~ 55Hz,Amplitude: 1.5 mm
Direction: X, Y, Z, Time: 2 Hours each
Elec. no variation
Appearance no deformation
Solderability
Go through real SMT IR-Reflow ....
The profile like our suggest profile.
Preheat: 160 ± 10℃ (90 sec)
Peak: 245 ± 5℃
Peak Time: 50 Sec. / up 217℃
Elec. no variation
Appearance no deformation
Soldering Heat
Resistance
Preheat: 160 ± 10℃ (90 sec)
Solder: Sn / Ag / Cu (Pb Free)
Solder Temp.: 260 ± 5℃, Time: 3 ± 1 seconds
Elec. no variation
Appearance no deformation
Iron Solder Heat
Resistance
Solder Temp.: 350 ± 5℃
Flux: Rosin, Time: 3 ± 1 seconds
Elec. no variation
Appearance no deformation
Bending Strength
Elec. no variation
Appearance no deformation
Flexure Strength
Elec. no variation
Appearance no deformation
Terminal Strength
Elec. no variation
Appearance no deformation
High-Voltage
100 V DC between core & winding
Elec. no variation
Appearance no deformation
Load life
Temperature: 25 ± 3℃
Load: Allowed DC Current, Test Time: 96 ± 2 Hours
Elec. no variation
Appearance no deformation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com