Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSI12065E-R10M Datasheet(PDF) 9 Page - AiT Semiconductor Inc.

Part # WSI12065E-R10M
Description  WIRE WOUND SMD INDUCTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSI12065E-R10M Datasheet(HTML) 9 Page - AiT Semiconductor Inc.

Back Button WSI12065E-R10M Datasheet HTML 5Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 6Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 7Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 8Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 9Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 10Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 11Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 12Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 13Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AiT Semiconductor Inc.
WSI
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
REV1.1
- 9 -
Part Number
Inductance
(uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
Dimension “D”
(mm)
Dimension “H”
Ref.
WSI10050J-R45M
0.45
0.90
1.10
29.00
36.00
3.0±0.5
4.0 Ref.
WSI10050J-R56M
0.56
1.20
1.40
31.00
32.00
3.0±0.5
4.0 Ref.
WSI10050J-1R0M
1.00
2.30
2.50
25.00
25.00
3.0±0.5
4.0 Ref.
WSI10050J-1R2M
1.20
2.50
3.00
21.00
24.00
3.0±0.5
4.0 Ref.
WSI10050J-2R2M
2.20
5.30
6.30
19.00
14.00
3.0±0.5
4.0 Ref.
WSI10050J-4R7M
4.70
10.50
11.50
14.00
10.00
1.8±0.5
3.0 Ref.
WSI10050J-6R8M
6.80
13.50
15.50
11.00
9.00
3.0±0.5
4.0 Ref.
WSI10050J-100M
10.00
21.00
25.20
10.00
7.20
3.0±0.5
4.0 Ref.
WSI10050J-150M
15.00
38.00
45.60
8.00
4.50
1.8±0.5
3.0 Ref.
WSI10050J-220M
22.00
51.00
61.20
7.00
4.00
1.8±0.5
3.0 Ref.
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI12050E-R10M
0.10
0.53
0.60
118.00
55.00
WSI12050E-R22M
0.22
0.64
0.80
110.00
51.00
WSI12050E-R33M
0.33
0.85
1.10
80.00
42.00
WSI12050E-R47M
0.47
1.10
1.30
65.00
38.00
WSI12050E-R56M
0.56
1.30
1.50
55.00
36.00
WSI12050E-R68M
0.68
1.50
1.70
54.00
34.00
WSI12050E-R82M
0.82
2.00
2.30
53.00
31.00
WSI12050E-1R0M
1.00
2.10
2.50
50.00
29.00
WSI12050E-1R2M
1.20
2.80
3.50
49.00
25.00
WSI12050E-1R5M
1.50
3.40
4.10
48.00
23.00
WSI12050E-1R8M
1.80
4.20
4.90
40.00
19.00
WSI12050E-2R2M
2.20
4.60
5.50
32.00
20.00
WSI12050E-3R3M
3.30
7.70
9.20
32.00
15.00
WSI12050E-4R7M
4.70
12.80
15.00
27.00
12.00
WSI12050E-5R6M
5.60
14.00
16.50
22.00
11.50
WSI12050E-6R8M
6.80
15.40
18.50
21.00
11.00
WSI12050E-7R8M
7.80
17.20
20.50
18.00
10.00
WSI12050E-8R2M
8.20
18.90
22.50
18.00
9.50
WSI12050E-100M
10.00
21.40
25.50
16.00
9.00
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com