Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSI12065E-R10M Datasheet(PDF) 12 Page - AiT Semiconductor Inc.

Part # WSI12065E-R10M
Description  WIRE WOUND SMD INDUCTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSI12065E-R10M Datasheet(HTML) 12 Page - AiT Semiconductor Inc.

Back Button WSI12065E-R10M Datasheet HTML 8Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 9Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 10Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 11Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 12Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 13Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 14Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 15Page - AiT Semiconductor Inc. WSI12065E-R10M Datasheet HTML 16Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AiT Semiconductor Inc.
WSI
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
REV1.1
- 12 -
●TEST EQUIPMENT
1.
HP4284A, HP42841A - L, Q, DCR, IDC
2.
HP8753D Network analyzer – SRF
●OPERATING & STORAGE CONDITION
1.
Operating Temp: -40 ~ +125℃ (Including self - temperature rise)
2.
Storage Temp: a. Product with Taping: -10 ~ 45℃, 50 ~ 60% RH
b. On Board: -40 ~ +125℃
3.
Storage Life Time: 12 Month (Less than 40℃ and 60% RH)
Standard Atmosphere Conditions:
Ambient Temperature 20 ± 15℃; Humidity RH 65 ± 20%
If there may be any doubt on the test result, Measurement shall be made within the following limits:
Ambient Temperature 25 ± 5℃; Humidity RH 75 ± 10%
●RECOMMEND REFLOW CURVE (TIME: Second)
Notice: Iron Soldering, Solder < 30 Watt,
Direct touch the terminal x 3 Sec. Max. @ 350℃
●ATTENTION & CAUTION:
* Keep out of Splashing water or salt water
* Avoid Toxic Gas (Hydrogen sulfide, Sulfurous acid, Chlorine, Ammonia)
* Vibrations or shocks which exceed the specified condition
* Dew condense
* Layout near the edge of PCB
* Over flexure after SMT mounting & PCBA
* Pin foot or SMD pad solder ability: Pb free type is best within 6 months after delivery
* Humidity sensitive, IPC/JEDEC J-STD-020 MSL if over Level 1, recommend bake 30mins@150℃ before PCBA
* Caution for human life relative applications: PLS contact & consult with AiT team in design stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com