Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1107CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1107CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1107CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1107CS8 Datasheet HTML 8Page - Linear Technology LT1107CS8 Datasheet HTML 9Page - Linear Technology LT1107CS8 Datasheet HTML 10Page - Linear Technology LT1107CS8 Datasheet HTML 11Page - Linear Technology LT1107CS8 Datasheet HTML 12Page - Linear Technology LT1107CS8 Datasheet HTML 13Page - Linear Technology LT1107CS8 Datasheet HTML 14Page - Linear Technology LT1107CS8 Datasheet HTML 15Page - Linear Technology LT1107CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1107
1107fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 1993
LT/TP 1002 1K REV A • PRINTED IN USA
APPLICATI
TYPICAL
24V-to-5V Step-Down Converter
5V
300mA
1N5818
150
µH*
220
Ω
22
µF
*COILTRONICS CTX150-4
ILIM
VIN
SENSE
SW1
SW2
GND
24VIN
LT1107-5
1107 TA03
330
µF
+
+
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1070/LT1070HV
5A ISW, 40kHz, High Efficiency
VIN = 3V to 40V/60V, VOUT = 65V/75V, IQ = 6mA, ISD = <50µA, Can be Used for
Switching Regulator
Buck, Boost, Inverting Applications, TO220-5 Packages
LT1071/LT1071HV
2.5A ISW, 40kHz, High Efficiency
VIN = 3V to 40V/60V, VOUT = 65V/75V, IQ = 6mA, ISD = <50µA, Can be Used for
Switching Regulator
Buck, Boost, Inverting Applications, TO220-5 Package
LT1072/LT1072HV
1.25A ISW, 40kHz, High Efficiency
VIN = 3V to 40V/60V, VOUT = 65V/75V, IQ = 6mA, ISD = <50µA, Can be Used for
Switching Regulator
Buck, Boost, Inverting Applications, N8, S8, S16, TO220-5 Packages
LT1082
1A ISW, 60kHz, High Efficiency
VIN = 3V to 75V, VOUT = 100V, IQ = 4.5mA, ISD = <120µA, Can be Used for
Switching Regulator
Buck, Boost, Inverting Applications, DD, N8, TO220-5 Packages
LT1111
1A ISW, 72kHz, High Efficiency
VIN = 2V to 30V, VOUT = 34V, IQ = 300µA, Can be Used for
Switching Regulator
Buck, Boost, Inverting Applications, N8, S8 Packages
LT1170/LT1170HV
5A ISW, 100kHz, High Efficiency
VIN = 3V to 40V/60V, VOUT = 65V/75V, IQ = 6mA, ISD = <50µA, Can be Used for
Switching Regulator
Buck, Boost, Inverting Applications, DD, N8, S16, TO220-5 Packages
LT1171/LT1171HV
2.5A ISW, 100kHz, High Efficiency
VIN = 3V to 40V/60V, VOUT = 65V/75V, IQ = 6mA, ISD = <50µA, Can be Used for
Switching Regulator
Buck, Boost, Inverting Applications, DD, N8, S16, TO220-5 Packages
LT1172/LT1172HV
1.25A ISW, 100kHz, High Efficiency
VIN = 3V to 40V/60V, VOUT = 65V/75V, IQ = 6mA, ISD = <100µA, Can be Used for
Switching Regulator
Buck, Boost, Inverting Applications, N8, S16, DD, TO220-5 Packages
LT1307/LT1307B
600mA ISW, 600kHz, High Efficiency
VIN = 1V to 12V, VOUT = 28V, IQ = 50µA/1mA, ISD = <1µA
Step-Up Switching Regulator
Ideal for Single Cell Applications, Low Battery Detect, MS8, N8, S8 Packages
LT1317/LT1317B
660mA ISW, 600kHz, High Efficiency
VIN = 1.5V to 12V, VOUT = 28V, IQ = 100µA/4.8mA, ISD = <30µA/28µA
Step-Up Switching Regulator
Low Battery Detect, MS8, S8 Packages
LT1370/LT1370HV
6A ISW, 500kHz, High Efficiency
VIN = 2.7V to 30V, VOUT = 35V/42V, IQ = 4.5mA, ISD = <12µA, Can be Used for
Switching Regulator
Buck, Boost, Inverting Applications, DD, TO220-7 Packages
LT1371/LT1371HV
3A ISW, 500kHz, High Efficiency
VIN = 2.7V to 30V, VOUT = 35V/42V, IQ = 4mA, ISD = <12µA, Can be Used for
Switching Regulator
Buck, Boost, Inverting Applications, S20, DD, TO220-7 Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com