Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1107CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1107CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1107CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1107CS8 Datasheet HTML 1Page - Linear Technology LT1107CS8 Datasheet HTML 2Page - Linear Technology LT1107CS8 Datasheet HTML 3Page - Linear Technology LT1107CS8 Datasheet HTML 4Page - Linear Technology LT1107CS8 Datasheet HTML 5Page - Linear Technology LT1107CS8 Datasheet HTML 6Page - Linear Technology LT1107CS8 Datasheet HTML 7Page - Linear Technology LT1107CS8 Datasheet HTML 8Page - Linear Technology LT1107CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1107
1107fa
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Saturation Voltage, Step-Up Mode
Switch ON Voltage, Step-Down
(SW2 Pin Grounded)
Mode (SW1 Pin Connected to VIN)
Maximum Switch Current vs RLIM
Quiescent Current
Quiescent Current
TEMPERATURE (
°C)
–55
–15
25
45
125
1107 G07
–35
5
65
85 105
100
90
80
70
60
50
40
30
20
Oscillator Frequency
Switch ON Time
Step-Down Mode
TEMPERATURE (
°C)
–55
–15
25
45
125
1107 G10
–35
5
65
85 105
13
12
11
10
9
8
7
6
5
TEMPERATURE (
°C)
–55
–15
25
45
125
1107 G09
–35
5
65
85 105
85
80
75
70
65
60
55
50
45
Duty Cycle
Step-Up Mode
TEMPERATURE (
°C)
–55
–15
25
45
125
1107 G05
–35
5
65
85 105
400
350
300
250
200
150
100
TEMPERATURE (
°C)
–55
–15
25
45
125
1107 G08
–35
5
65
85 105
16
15
14
13
12
11
10
9
8
7
6
Switch ON Time
Step-Up Mode
INPUT VOLTAGE (V)
0
400
380
360
340
320
300
280
260
240
220
200
24
1107 G06
6
12
18
30
3
915
21
27
TA = 25°C
RLIM (Ω)
10
1107 G03
100
1.5
1.4
1.3
1.2
1.1
0.9
0.8
1000
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1.0
STEP-DOWN
VIN = 12V
STEP-UP
2V
≤ V
IN ≤ 5V
SWITCH CURRENT (A)
0
0.6
1107 G02
0.2
0.4
0.8
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.1
0.3
0.5
0.7
SWITCH CURRENT (A)
0
1.2
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1107 G01
1.0
1.2
VIN = 3V
VIN = 2V
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com