Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1039ACSW Datasheet(PDF) 7 Page - Linear Technology

Part # LT1039ACSW
Description  Triple RS232 Driver/Receiver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039ACSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1039ACSW Datasheet HTML 3Page - Linear Technology LT1039ACSW Datasheet HTML 4Page - Linear Technology LT1039ACSW Datasheet HTML 5Page - Linear Technology LT1039ACSW Datasheet HTML 6Page - Linear Technology LT1039ACSW Datasheet HTML 7Page - Linear Technology LT1039ACSW Datasheet HTML 8Page - Linear Technology LT1039ACSW Datasheet HTML 9Page - Linear Technology LT1039ACSW Datasheet HTML 10Page - Linear Technology LT1039ACSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1039A/LT1039A-16
1039afa
APPLICATIONS INFORMATION
When driving CMOS logic from a receiver that will be used
in the shutdown mode and there is no other active receiver
on the line, a 51k resistor can be placed from the logic input
to VCC to force a definite logic level when the receiver
output is in a high impedance state.
Keeping Alive One Receiver While in Shutdown
LT1039A
25k
LOGIC
SHUTDOWN
INPUT
2
316
17
BIAS
RS232
INPUT
ON/OFF
LOGIC
OUTPUT
1039A AI09
RS232 Compatible Shutdown Control Line
LT1039A
25k
2
316
17
BIAS
RS232
SHUTDOWN
INPUT
ON/OFF
1039A AI10
Driving CMOS Logic from a Receiver
LT1039A
RECEIVER
RS232
INPUT
ON/OFF
INPUT
LOGIC
OUTPUT
*FORCES LOGIC INPUT STATE
WHEN VON/OFF IS LOW
51k*
VCC
1039A AI06
CMOS
LOGIC
To protect against receiver input overloads in excess of
±30V, a voltage clamp can be placed on the data line and
still maintain RS232 compatibility.
Input Overvoltage Protection
RS232
INPUT
LOGIC
OUTPUT
RECEIVER
1039A AI07
30k
1k
30V
30V
5.6k
Driver inputs should not be allowed to float. Any unused
inputs should be tied to VCC.
The BIAS pin is used to “keep alive” one receiver while in
the shutdown mode (all other circuitry being inactive).
This allows a system to be in shutdown and still have one
active receiver for transferring data.
It can also be used to make an RS232 compatible shut-
down control line. Driving the BIAS pin low through a
resistance of 24k to 30k keeps the receiver active. Do not
drive the BIAS pin directly from a logic output without the
series resistor. An unused BIAS pin should be left open.
The receiver input impedance of the LT1039A is nominally
30k
Ω. For applications requiring a 5kΩ input impedance,
a 5.6k resistor can be connected from the receiver input to
ground.
5k
Ω Impedance Matching
1039A AI08
RS232
INPUT
LOGIC
OUTPUT
RECEIVER
30k
5.6k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com