Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1039ACSW Datasheet(PDF) 12 Page - Linear Technology

Part # LT1039ACSW
Description  Triple RS232 Driver/Receiver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039ACSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1039ACSW Datasheet HTML 4Page - Linear Technology LT1039ACSW Datasheet HTML 5Page - Linear Technology LT1039ACSW Datasheet HTML 6Page - Linear Technology LT1039ACSW Datasheet HTML 7Page - Linear Technology LT1039ACSW Datasheet HTML 8Page - Linear Technology LT1039ACSW Datasheet HTML 9Page - Linear Technology LT1039ACSW Datasheet HTML 10Page - Linear Technology LT1039ACSW Datasheet HTML 11Page - Linear Technology LT1039ACSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1039A/LT1039A-16
1039afa
LT/LCG 1101 1.5K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1997
TYPICAL APPLICATION
LT1039A
VCC
1
18
17
0.1
µF
ON/OFF
V +
RS232 OUT
RS232 OUT
RS232 OUT
RS232 IN
RS232 IN
RS232 IN
TTL IN
TTL IN
TTL IN
TTL OUT
TTL OUT
TTL OUT
1039A TA03
30k
30k
30k
9
V –
3
7
GND
LT1039A
ON/OFF
5
18
17
5V
VCC
C+
RS232 OUT
RS232 OUT
RS232 IN
RS232 IN
TTL IN
SHUTDOWN
TTL IN
TTL OUT
TTL OUT
30k
30k
6
C–
10
16
GND
+
0.1
µF
+
0.1
µF
+
2
C+
4
C–
0.1
µF
+
V +
V –
LT1180A (Driver/Receiver with Power Supply) Driving an LT1039A
PART NUMBER
DESCRIPTION
COMMENTS
LTC
®485
Low Power RS485 Transceiver
Industry Standard
LT1137A
5V 3 Driver/5 Receiver RS232 Transceiver
±15kV ESD Protection
LT1180A/81A
5V 2 Driver/2 Receiver RS232 Transceiver
Industry Standard, 0.1
µF Capacitors
LTC1345
V.35 Transceiver
Single 5V Supply Using 0.1
µF Capacitors
LTC1348
3.3V 3 Driver/5 Receiver RS232 Transceiver
Operates from 3.3V to 5V Supplies, 5 Receivers Active in Shutdown
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com