Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1072AT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA1072AT
Description  AM receiver circuit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1072AT Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1072AT Datasheet HTML 1Page - NXP Semiconductors TDA1072AT Datasheet HTML 2Page - NXP Semiconductors TDA1072AT Datasheet HTML 3Page - NXP Semiconductors TDA1072AT Datasheet HTML 4Page - NXP Semiconductors TDA1072AT Datasheet HTML 5Page - NXP Semiconductors TDA1072AT Datasheet HTML 6Page - NXP Semiconductors TDA1072AT Datasheet HTML 7Page - NXP Semiconductors TDA1072AT Datasheet HTML 8Page - NXP Semiconductors TDA1072AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
March 1989
4
Philips Semiconductors
Product specification
AM receiver circuit
TDA1072AT
FUNCTIONAL DESCRIPTION
Gain-controlled RF stage and mixer
The differential amplifier in the RF stage employs an AGC negative feedback network to provide a wide dynamic range.
Very good cross-modulation behaviour is achieved by AGC delays at the various signal stages. Large signals are
handled with low distortion and the S/N ratio of small signals is also improved. Low noise working is achieved in the
differential amplifier by using transistors with a low base resistance.
A double balanced mixer provides the IF output to pin 1.
Oscillator
The differential amplifier oscillator is temperature compensated and is suitable for simple coil connection. The oscillator
is voltage-controlled and has little distortion or spurious radiation. It is specially suitable for electronic tuning using
variable capacitance diodes. Band switching diodes can easily be applied using the stabilized voltage V11-16. An extra
buffered oscillator output is available for driving a synthesizer. If this is not needed, resistor RL(10) can be omitted.
Gain-controlled IF amplifier
This amplifier comprises two cascaded, variable-gain differential amplifier stages coupled by a band-pass filter. Both
stages are gain-controlled by the AGC negative feedback network.
Detector
The full-wave, balanced envelope detector has very low distortion over a wide dynamic range. The residual IF carrier is
blocked from the signal path by an internal low-pass filter.
AF preamplifier
This stage preamplifies the audio frequency output. The amplifier output stage uses an emitter follower with a series
resistor which, together with an external capacitor, provides the required low-pass filtering for AF signals.
AGC amplifier
The AGC amplifier provides a control voltage which is proportional to the carrier amplitude. Second-order filtering of the
AGC voltage achieves signals with very little distortion, even at low audio frequencies. This method of filtering also gives
a fast AGC settling time which is advantageous for electronic search tuning. The AGC settling time can be further
reduced by using capacitors of smaller value in the external filter. The AGC voltage is fed to the RF and IF stages via
suitable AGC delays. The capacitor at pin 7 can be omitted for low-cost applications.
Field strength indicator output
A buffered voltage source provides a high-level field strength output signal which has good linearity for logarithmic input
signals over the whole dynamic range. If field strength information is not needed, RL(9) can be omitted.
Standby switch
This switch is primariIy intended for AM/FM band switching. During standby mode the oscillator, mixer and demodulator
are switched off.
Short-circuit protection
All pins have short-circuit protection to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com