Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1072AT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA1072AT
Description  AM receiver circuit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1072AT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA1072AT Datasheet HTML 9Page - NXP Semiconductors TDA1072AT Datasheet HTML 10Page - NXP Semiconductors TDA1072AT Datasheet HTML 11Page - NXP Semiconductors TDA1072AT Datasheet HTML 12Page - NXP Semiconductors TDA1072AT Datasheet HTML 13Page - NXP Semiconductors TDA1072AT Datasheet HTML 14Page - NXP Semiconductors TDA1072AT Datasheet HTML 15Page - NXP Semiconductors TDA1072AT Datasheet HTML 16Page - NXP Semiconductors TDA1072AT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
March 1989
13
Philips Semiconductors
Product specification
AM receiver circuit
TDA1072AT
Fig.10 Suppression of cross-modulation as a function of input signal, measured in the circuit of Fig.8 with the
input circuit as shown in Fig.11. Curve is for wanted VO(AF)/unwanted VO(AF) = 20 dB; Vrfw, Vrfu are signals
at the aerial input, V'aew, V'aeu are signals at the unloaded output of the aerial.
Wanted signal (V'aew, Vrfw): fi = 1 MHz; fm = 400 Hz; m = 30%.
Unwanted signal (V'aeu, Vrfu): fi = 900 kHz; fm = 400 Hz; m = 30%.
Effective selectivity of input tuned circuit = 21 dB.
Fig.11 Input circuit to show cross-modulation suppression (see Fig.10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com