Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5532ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5532ACPZ-R7
Description  20 MHz to 500 MHz IF Gain Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5532ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

  ADL5532ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5532ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5532ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5532ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5532ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5532ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5532ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5532ACPZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADL5532
Preliminary Technical Data
Rev. PrD 5/07 | Page 6 of 8
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
0
100
200
300
400
500
600
Frequency( MHz)
NF
GAIN
P1dB
OIP3
Figure 3 ADL5532 Gain, Noise Figure, OIP3 and P1dB vs Frequency
22
24
26
28
30
32
34
36
38
40
42
44
46
48
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
Pout (dBm)
20 MHz
70 MHz
190 MHz
380 MHz
500 MHz
Figure 4 ADL5532 OIP3 vs Pout and Frequency
-25
-20
-15
-10
-5
0
0
100
200
300
400
500
600
Frequency (MHz)
S11
S12
S22
Figure 5. ADL5532 Input / Output Return Loss and Reverse Isolation vs
Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com