Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5532ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5532ACPZ-R7
Description  20 MHz to 500 MHz IF Gain Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5532ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5532ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5532ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5532ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5532ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5532ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5532ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5532ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5532ACPZ-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
20 MHz to 500 MHz
IF Gain Blocks
Preliminary Technical Data
ADL5532
Rev. PrD 5/07
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Fixed gain of 15 dB
Operation up to 500 MHz
+39.1 dBm OIP3 at 70 MHz
Noise Figure 3.0 dB at 70 MHz
Input/output internally matched to 50 Ω
Temperature and power supply stable
Power supply: 5 V
Power supply current: 95 mA
1000 V ESD (Class 1C)
FUNCTIONAL BLOCK DIAGRAM
ADL5532
5CLIN
8FBK2
NC 4
6NC
15 dB
RFIN 2
7RFOUT
NC 3
FBK 1
Figure 1. Block Diagram
GENERAL DESCRIPTION
The ADL5532 is a broadband, fixed-gain, linear amplifier that
operate at frequencies up to 500 MHz. The device can be used
in a wide variety of wired and wireless devices including
cellular, GSM and WCDMA, and broadband applications.
Gain is stable over frequency, temperature, power supply and
from device to device. The ADL553
2 achieves an OIP3 of 39.1
dBm with an output compression point of +19.9 dBm and a
noise figure of 3.0 dB.
This amplifier is single-ended and internally matched to 50 Ω
with an input return loss of 10 dB. Only input/output ac-
coupling capacitors, a power supply decoupling capacitor and
external inductor are required for operation.
The amplifier operates with a 5 V supply consuming 95 mA of
current.
The ADL5532 is fabricated on a GaAs HBT process and has an
ESD rating of 1000 V (Class 1C). The device is packaged in a 3mm
x 3mm LFCSP that uses an exposed paddle for excellent
thermal impedance and operates from −40°C to +85°C. A fully
populated evaluation board is available.


Similar Part No. - ADL5532ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5530 AD-ADL5530 Datasheet
305Kb / 12P
DC to 1000 MHz IF Gain Block
7/06-Revision 0
ADL5530 AD-ADL5530 Datasheet
399Kb / 16P
DC to 1000 MHz IF Gain Block
Feb-2017
ADL5530-EVAL AD-ADL5530-EVAL Datasheet
305Kb / 12P
DC to 1000 MHz IF Gain Block
7/06-Revision 0
ADL5530-EVALZ AD-ADL5530-EVALZ Datasheet
399Kb / 16P
DC to 1000 MHz IF Gain Block
Feb-2017
ADL5530ACPZ-R7 AD-ADL5530ACPZ-R7 Datasheet
305Kb / 12P
DC to 1000 MHz IF Gain Block
7/06-Revision 0
More results

Similar Description - ADL5532ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5534 AD-ADL5534 Datasheet
366Kb / 9P
20 MHz to 500 MHz IF Gain Block
May-2007
ADL5531 AD-ADL5531 Datasheet
321Kb / 12P
20 MHz to 500 MHz IF Gain Block
8/07-Revision 0
ADL5534 AD-ADL5534_08 Datasheet
657Kb / 9P
20 MHz to 500 MHz IF Amplifier
Rev. PrE 2/08
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
ADL5535 AD-ADL5535 Datasheet
387Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
logo
API Technologies Corp
MR104 APITECH-MR104 Datasheet
112Kb / 1P
RF/LO: 6.0 to 18.0 GHz IF: 20 to 500 MHz
logo
Analog Devices
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
20 MHz to 500 MHz IF Gain Block
REV. B
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
20 MHz to 500 MHz IF Gain Block
Aug-2017
ADL5534 AD-ADL5534_14 Datasheet
410Kb / 16P
20 MHz to 500 MHz Dual IF Amplifier
2/14-Rev. A to Rev. B
ADL5536 AD-ADL5536_17 Datasheet
337Kb / 14P
20 MHz to 1.0 GHz IF Gain Block
Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com