Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6003G Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMS6003G
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET WITH PROGRAMMABLE CURRENT LIMIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6003G Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMS6003G_V01 Datasheet HTML 1Page - Diodes Incorporated ZXMS6003G_V01 Datasheet HTML 2Page - Diodes Incorporated ZXMS6003G_V01 Datasheet HTML 3Page - Diodes Incorporated ZXMS6003G_V01 Datasheet HTML 4Page - Diodes Incorporated ZXMS6003G_V01 Datasheet HTML 5Page - Diodes Incorporated ZXMS6003G_V01 Datasheet HTML 6Page - Diodes Incorporated ZXMS6003G_V01 Datasheet HTML 7Page - Diodes Incorporated ZXMS6003G_V01 Datasheet HTML 8Page - Diodes Incorporated ZXMS6003G_V01 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ZXMS6003G
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
ZXMS6003GTA
ZXMS6003
7
12
1000 Units
Note:
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Functional Block Diagram
ZXMS6003 = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 8 = 2018)
WW or WW = Week Code (01 to 53)
ZXMS6003G
Document number: DS33607 Rev. 5 - 2
2 of 9
www.diodes.com
July 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com