Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6003G Datasheet (PDF) - Diodes Incorporated

ZXMS6003G Datasheet PDF - Diodes Incorporated
Part # ZXMS6003G_V01
Download  ZXMS6003G Download
File Size   691.63 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET WITH PROGRAMMABLE CURRENT LIMIT

ZXMS6003G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXMS6003G Datasheet PDF - Diodes Incorporated

Part # ZXMS6003G_V01
Download  ZXMS6003G Click to download

File Size   691.63 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET WITH PROGRAMMABLE CURRENT LIMIT

ZXMS6003G Datasheet (HTML) - Diodes Incorporated


ZXMS6003G Product details

Features
• Current Limit Programmable via External Resistor
• Status Pin (Analog Status Indication)
• Logic Level Input
• Short-Circuit Protection with Auto Restart
• Overvoltage Protection (Active Clamp)
• Thermal Shutdown with Auto Restart
• Overcurrent Protection
• Input Protection (ESD)
• Load Dump Protection (Actively Protects Load)
• High Continuous Current Rating
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Especially Suited for Loads with a High In-Rush Current Such as Lamps and Motors
• All Types of Resistive, Inductive, and Capacitive Loads in Switching Applications
• μC Compatible Power Switch for 12V and 24V DC Applications
• Replaces Electromechanical Relays and Discrete Circuits
• Linear Mode Capability - The current-limiting protection circuitry is designed to deactivate at low VDS in order not to compromise the load current during normal operation. The design max. DC operating current is therefore determined by the thermal capability of the package/board combination rather than by the protection circuitry.
Note: This does not compromise the product's ability to self-protect during short-circuit load conditions.
• Current Limit is Programmable via an External Resistor RPROG Connected Between Status and IN pins
• Status Pin Voltage Reflects the Gate Drive Applied Internally to the Power MOSFET
• With VIN = 5V and RPROG = 24kΩ:
 Status Voltage: 5V Indicates Normal Operation
 Status Voltage: 2V to 3V Indicates the Device is in Current-Limiting Mode
 Status Voltage <1V Indicates the Device is in Thermal Shutdown




Similar Part No. - ZXMS6003G_V01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6003GQ DIODES-ZXMS6003GQ Datasheet
475Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
ZXMS6003GQTA DIODES-ZXMS6003GQTA Datasheet
475Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
logo
Zetex Semiconductors
ZXMS6003GTA ZETEX-ZXMS6003GTA Datasheet
683Kb / 10P
60V N-channel self protected enhancement mode IntelliFET MOSFET with programmable current limit
logo
Diodes Incorporated
ZXMS6003GTA DIODES-ZXMS6003GTA Datasheet
789Kb / 10P
60V N-channel self protected enhancement mode
MARCH 2007
More results


Similar Description - ZXMS6003G_V01

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMS6003G ZETEX-ZXMS6003G Datasheet
683Kb / 10P
60V N-channel self protected enhancement mode IntelliFET MOSFET with programmable current limit
logo
Diodes Incorporated
ZXMS6004FF DIODES-ZXMS6004FF Datasheet
414Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
ZXMS6004DT8 DIODES-ZXMS6004DT8 Datasheet
241Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32245 Rev. 1 - 2
ZXMS6005DG DIODES-ZXMS6005DG Datasheet
561Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32247 Rev. 1 - 2
ZXMS6005DT8 DIODES-ZXMS6005DT8 Datasheet
252Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32248 Rev. 1 - 2
ZXMS6005SG DIODES-ZXMS6005SG Datasheet
562Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32249 Rev. 1 - 2
ZXMS6004FFTA DIODES-ZXMS6004FFTA Datasheet
420Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
DECEMBER 2008
ZXMS6004DGTA DIODES-ZXMS6004DGTA Datasheet
485Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
DECEMBER 2008
ZXMS6005N8 DIODES-ZXMS6005N8 Datasheet
684Kb / 8P
60V N-CHANNEL SELF-PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
June 2017
ZXMS6006DGQ-13 DIODES-ZXMS6006DGQ-13 Datasheet
789Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com