Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6003G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMS6003G
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET WITH PROGRAMMABLE CURRENT LIMIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6003G Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMS6003G Datasheet HTML 1Page - Diodes Incorporated ZXMS6003G Datasheet HTML 2Page - Diodes Incorporated ZXMS6003G Datasheet HTML 3Page - Diodes Incorporated ZXMS6003G Datasheet HTML 4Page - Diodes Incorporated ZXMS6003G Datasheet HTML 5Page - Diodes Incorporated ZXMS6003G Datasheet HTML 6Page - Diodes Incorporated ZXMS6003G Datasheet HTML 7Page - Diodes Incorporated ZXMS6003G Datasheet HTML 8Page - Diodes Incorporated ZXMS6003G Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ZXMS6003G
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
INTELLIFET MOSFET WITH PROGRAMMABLE CURRENT LIMIT
Product Summary
•
Continuous Drain Source Voltage VDS = 60V
•
On-State Resistance: 500m
Ω
•
Nominal Load Current (VIN = 5V): 1.4A
•
Clamping Energy: 550mJ
Description
The ZXMS6003G is a self-protected low-side IntelliFET
TM
MOSFET.
It features monolithic overtemperature, overcurrent, overvoltage
(active clamp), and ESD protected logic level functionality. It is
intended as a general purpose switch with status indication and
programmable current limit.
Applications
•
Especially Suited for Loads with a High In-Rush Current Such as
Lamps and Motors
•
All Types of Resistive, Inductive, and Capacitive Loads in
Switching Applications
•
μC Compatible Power Switch for 12V and 24V DC Applications
•
Replaces Electromechanical Relays and Discrete Circuits
•
Linear Mode Capability - The current-limiting protection circuitry
is designed to deactivate at low VDS in order not to compromise
the load current during normal operation. The design max. DC
operating current is therefore determined by the thermal
capability of the package/board combination rather than by the
protection circuitry.
Note: This does not compromise the product's ability to self-
protect during short-circuit load conditions.
•
Current Limit is Programmable via an External Resistor RPROG
Connected Between Status and IN pins
•
Status Pin Voltage Reflects the Gate Drive Applied Internally to
the Power MOSFET
•
With VIN = 5V and RPROG = 24k
Ω:
Status Voltage: 5V Indicates Normal Operation
Status Voltage: 2V to 3V Indicates the Device is in Current-
Limiting Mode
Status Voltage <1V Indicates the Device is in Thermal
Shutdown
Features and Benefits
•
Current Limit Programmable via External Resistor
•
Status Pin (Analog Status Indication)
•
Logic Level Input
•
Short-Circuit Protection with Auto Restart
•
Overvoltage Protection (Active Clamp)
•
Thermal Shutdown with Auto Restart
•
Overcurrent Protection
•
Input Protection (ESD)
•
Load Dump Protection (Actively Protects Load)
•
High Continuous Current Rating
•
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
•
Case: SOT223 (Type DN)
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish
•
Weight: 0.112 grams (Approximate)
Note: RPROG must be connected between the Status and IN pins.
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Top View
SOT223 (Type DN)
Green
IntelliFET is a trademark of Diodes Incorporated.
e3
ZXMS6003G
Document number: DS33607 Rev. 5 - 2
1 of 9
www.diodes.com
July 2019
© Diodes Incorporated


Similar Part No. - ZXMS6003G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMS6003G ZETEX-ZXMS6003G Datasheet
683Kb / 10P
60V N-channel self protected enhancement mode IntelliFET MOSFET with programmable current limit
logo
Diodes Incorporated
ZXMS6003G DIODES-ZXMS6003G Datasheet
789Kb / 10P
60V N-channel self protected enhancement mode
MARCH 2007
ZXMS6003GQ DIODES-ZXMS6003GQ Datasheet
475Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
ZXMS6003GQTA DIODES-ZXMS6003GQTA Datasheet
475Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
Rev 1
logo
Zetex Semiconductors
ZXMS6003GTA ZETEX-ZXMS6003GTA Datasheet
683Kb / 10P
60V N-channel self protected enhancement mode IntelliFET MOSFET with programmable current limit
More results

Similar Description - ZXMS6003G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMS6003G ZETEX-ZXMS6003G Datasheet
683Kb / 10P
60V N-channel self protected enhancement mode IntelliFET MOSFET with programmable current limit
logo
Diodes Incorporated
ZXMS6004FF DIODES-ZXMS6004FF Datasheet
414Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
ZXMS6004DT8 DIODES-ZXMS6004DT8 Datasheet
241Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32245 Rev. 1 - 2
ZXMS6005DG DIODES-ZXMS6005DG Datasheet
561Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32247 Rev. 1 - 2
ZXMS6005DT8 DIODES-ZXMS6005DT8 Datasheet
252Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32248 Rev. 1 - 2
ZXMS6005SG DIODES-ZXMS6005SG Datasheet
562Kb / 9P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32249 Rev. 1 - 2
ZXMS6004FFTA DIODES-ZXMS6004FFTA Datasheet
420Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
DECEMBER 2008
ZXMS6004DGTA DIODES-ZXMS6004DGTA Datasheet
485Kb / 10P
60V N-channel self protected enhancement mode Intellifet MOSFET
DECEMBER 2008
ZXMS6005N8 DIODES-ZXMS6005N8 Datasheet
684Kb / 8P
60V N-CHANNEL SELF-PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
June 2017
ZXMS6006DGQ-13 DIODES-ZXMS6006DGQ-13 Datasheet
789Kb / 8P
60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com