Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6004FFQ-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMS6004FFQ-7
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004FFQ-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMS6004FFQ-7 Datasheet HTML 1Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 2Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 3Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 4Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 5Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 6Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 7Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 8Page - Diodes Incorporated ZXMS6004FFQ-7 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ZXMS6004FFQ-7
Document number: DS44697 Rev. 1 - 2
4 of 9
www.diodes.com
April 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
ZXMS6004FFQ-7
Typical Thermal Characteristics
1
10
10m
100m
1
Limited by Over-Current Protection
Single Pulse
T
amb
=25°C
15X15mm FR4
1oz Cu
Limited
by R
DS(on)
1ms
10ms
100ms
1s
DC
Safe Operating Area
V
DS
Drain-Source Voltage (V)
Limit of s/c protection
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
15X15mm FR4
1oz Cu
Derating Curve
Temperature (°C)
50X50mm FR4
2oz Cu
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
100
120
140
160
Tamb=25°C
15X15mm FR4
1oz Cu
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse
T
amb
=25°C
15X15mm FR4
1oz Cu
Pulse Power Dissipation
Pulse Width (s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com